Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5384 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5384
Szczegółowy opis  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5384 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5384_15 Datasheet HTML 4Page - Analog Devices AD5384_15 Datasheet HTML 5Page - Analog Devices AD5384_15 Datasheet HTML 6Page - Analog Devices AD5384_15 Datasheet HTML 7Page - Analog Devices AD5384_15 Datasheet HTML 8Page - Analog Devices AD5384_15 Datasheet HTML 9Page - Analog Devices AD5384_15 Datasheet HTML 10Page - Analog Devices AD5384_15 Datasheet HTML 11Page - Analog Devices AD5384_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD5384
Data Sheet
1LDAC ACTIVE DURING BUSY
2LDAC ACTIVE AFTER BUSY
BUSY
SYNC
LDAC1
LDAC2
CLR
VOUT
VOUT2
VOUT1
DIN
SCLK
t7
t8 t9
t4
t3
t1
t2
t5
t17
t17
t12
t13
t18
t19
t16
t14
t10
t15
t13
t11
t6
DB0
DB23
24
24
1
2
Figure 3. Serial Interface Timing Diagram (Standalone Mode)
t7A
24
48
SCLK
SYNC
DIN
SDO
DB23
DB0
DB23
DB0
DB23
DB0
INPUT WORD SPECIFIES
REGISTER TO BE READ
UNDEFINED
NOP CONDITION
SELECTED REGISTER
DATA CLOCKED OUT
Figure 4. Serial Interface Timing Diagram (Data Readback Mode)
t7
t8 t9
t20
t4
t3
t1
t2
t22
t21
t13
t23
24
48
SCLK
SYNC
DIN
SDO
LDAC
DB23
DB0
DB23
DB0
DB23
DB0
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N + 1
INPUT WORD FOR DAC N
Figure 5. Serial Interface Timing Diagram (Daisy-Chain Mode)
Rev. C | Page 8 of 33


Podobny numer części - AD5384_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5384BBC-3REEL7 AD-AD5384BBC-3REEL7 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5384BBC-5 AD-AD5384BBC-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
More results

Podobny opis - AD5384_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com