Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5452YRM-REEL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5452YRM-REEL
Szczegółowy opis  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5452YRM-REEL Arkusz danych(HTML) 3 Page - Analog Devices

  AD5452YRM-REEL Datasheet HTML 1Page - Analog Devices AD5452YRM-REEL Datasheet HTML 2Page - Analog Devices AD5452YRM-REEL Datasheet HTML 3Page - Analog Devices AD5452YRM-REEL Datasheet HTML 4Page - Analog Devices AD5452YRM-REEL Datasheet HTML 5Page - Analog Devices AD5452YRM-REEL Datasheet HTML 6Page - Analog Devices AD5452YRM-REEL Datasheet HTML 7Page - Analog Devices AD5452YRM-REEL Datasheet HTML 8Page - Analog Devices AD5452YRM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 3 of 28
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise
noted. DC performance measured with OP177 and ac performance measured with AD8038, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
AD5450
Resolution
8
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
Total Unadjusted Error
±0.5
LSB
Gain Error
±0.25
LSB
AD5451
Resolution
10
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
Total Unadjusted Error
±0.5
LSB
Gain Error
±0.25
LSB
AD5452
Resolution
12
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
Total Unadjusted Error
±1
LSB
Gain Error
±0.5
LSB
AD5453
Resolution
14
Bits
Relative Accuracy
±2
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Total Unadjusted Error
±4
LSB
Gain Error
±2.5
LSB
Gain Error Temperature Coefficient1
±2
ppm FSR/°C
Output Leakage Current
±1
nA
Data = 0x0000, TA = 25°C, IOUT1
±10
nA
Data = 0x0000, TA = −40°C to +125°C, IOUT1
REFERENCE INPUT1
Reference Input Range
±10
V
VREF Input Resistance
7
9
11
kΩ
Input resistance, TC = −50 ppm/°C
RFB Feedback Resistance
7
9
11
kΩ
Input resistance, TC = −50 ppm/°C
Input Capacitance
Zero-Scale Code
18
22
pF
Full-Scale Code
18
22
pF
DIGITAL INPUTS/OUTPUTS1
Input High Voltage, VIH
2.0
V
VDD = 3.6 V to 5 V
1.7
V
VDD = 2.5 V to 3.6 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5 V, ISOURCE = 200 µA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5 V, ISINK = 200 µA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 µA
Input Leakage Current, IIL
±1
nA
TA = 25°C
±10
nA
TA = −40°C to +125°C
Input Capacitance
10
pF


Podobny numer części - AD5452YRM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5452YRM-REEL AD-AD5452YRM-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Podobny opis - AD5452YRM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com