Zakładka z wyszukiwarką danych komponentów |
|
AD5453YRMZ Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD5453YRMZ Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 28 page 8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface Data Sheet AD5450/AD5451/AD5452/AD5453 Rev. G Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2005–2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES 12 MHz multiplying bandwidth INL of ±0.25 LSB at 8-bit 8-lead TSOT and MSOP packages 2.5 V to 5.5 V supply operation Pin-compatible 8-/10-/12-/14-bit current output DACs ±10 V reference input 50 MHz serial interface 2.7 MSPS update rate Extended temperature range: –40°C to +125°C 4-quadrant multiplication Power-on reset with brownout detect <0.4 µA typical current consumption Guaranteed monotonic Qualified for automotive applications APPLICATIONS Portable battery-powered applications Waveform generators Analog processing Instrumentation applications Programmable amplifiers and attenuators Digitally controlled calibration Programmable filters and oscillators Composite video Ultrasound Gain, offset, and voltage trimming FUNCTIONAL BLOCK DIAGRAM 8-/10-/12-/14-BIT REF R-2R DAC DAC REGISTER INPUT LATCH POWER-ON RESET CONTROL LOGIC AND INPUT SHIFT REGISTER R IOUT1 RFB VDD VREF GND SDIN SCLK SYNC AD5450/ AD5451/ AD5452/ AD5453 Figure 1. GENERAL DESCRIPTION The AD5450/AD5451/AD5452/AD54531 are CMOS 8-/10-/12-/ 14-bit current output digital-to-analog converters, respectively. These devices operate from a 2.5 V to 5.5 V power supply, making them suited to several applications, including battery- powered applications. As a result of manufacture on a CMOS submicron process, these DACs offer excellent 4-quadrant multiplication characteristics of up to 12 MHz. These DACs use a double-buffered, 3-wire serial interface that is compatible with SPI®, QSPI™, MICROWIRE™, and most DSP interface standards. Upon power-up, the internal shift register and latches are filled with 0s, and the DAC output is at zero scale. The applied external reference input voltage (VREF) determines the full-scale output current. These parts can handle ±10 V inputs on the reference, despite operating from a single-supply power supply of 2.5 V to 5.5 V. An integrated feedback resistor (RFB) provides temperature tracking and full-scale voltage output when combined with an external current-to-voltage precision amplifier. The AD5450/AD5451/AD5452/AD5453 DACs are available in small 8-lead TSOT, and the AD5452/AD5453 are also available in MSOP packages. The AD5453 also comes in 8-lead LFCSP. The EV-AD5443/46/53SDZ evaluation board is available for evaluating DAC performance. For more information, see the UG- 327 evaluation board user guide. 1 U.S. Patent Number 5,689,257. |
Podobny numer części - AD5453YRMZ |
|
Podobny opis - AD5453YRMZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |