Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF3717TRPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF3717TRPBF
Szczegółowy opis  Synchronous MOSFET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF3717TRPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF3717TRPBF Datasheet HTML 1Page - International Rectifier IRF3717TRPBF Datasheet HTML 2Page - International Rectifier IRF3717TRPBF Datasheet HTML 3Page - International Rectifier IRF3717TRPBF Datasheet HTML 4Page - International Rectifier IRF3717TRPBF Datasheet HTML 5Page - International Rectifier IRF3717TRPBF Datasheet HTML 6Page - International Rectifier IRF3717TRPBF Datasheet HTML 7Page - International Rectifier IRF3717TRPBF Datasheet HTML 8Page - International Rectifier IRF3717TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF3717PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.014
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.7
4.4
m
–––
4.8
5.7
VGS(th)
Gate Threshold Voltage
1.55
2.0
2.45
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
57
–––
–––
S
Qg
Total Gate Charge
–––
22
33
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.8
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
7.3
–––
Qgodr
Gate Charge Overdrive
–––
5.7
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
9.5
–––
Qoss
Output Charge
–––
12
–––
nC
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––14–––
td(off)
Turn-Off Delay Time
–––
15
–––
ns
tf
Fall Time
–––
6.0
–––
Ciss
Input Capacitance
–––
2890
–––
Coss
Output Capacitance
–––
930
–––
pF
Crss
Reverse Transfer Capacitance
–––
430
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
20
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
160
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
22
32
ns
Qrr
Reverse Recovery Charge
–––
13
19
nC
Conditions
Max.
32
16
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 20A
e
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 10V, VGS = 4.5V
ID = 16A
VDS = 10V
VGS = 20V
VGS = -20V
VDS = 16V, VGS = 0V
TJ = 25°C, IF = 16A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 16A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 16A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 10V, ID = 16A
VDS = 16V, VGS = 0V, TJ = 125°C
–––
ID = 16A
VGS = 0V
VDS = 10V


Podobny numer części - IRF3717TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3717TRPbF-1 IRF-IRF3717TRPbF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results

Podobny opis - IRF3717TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com