Zakładka z wyszukiwarką danych komponentów |
|
AD5621 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD5621 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 24 page Data Sheet AD5601/AD5611/AD5621 Rev. G | Page 5 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to +7.0 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V VOUT to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (A/B Grades) −40°C to +125°C Storage Temperature Range −65°C to +160°C Maximum Junction Temperature 150°C SC70 Package θJA Thermal Impedance 433.34°C/W θJC Thermal Impedance 149.47°C/W LFCSP Package θJA Thermal Impedance 95°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C ESD (Human Body Model) 2.0 kV Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Podobny numer części - AD5621_15 |
|
Podobny opis - AD5621_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |