Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5930 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5930
Szczegółowy opis  Programmable Frequency Sweep and Output Burst Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5930 Arkusz danych(HTML) 3 Page - Analog Devices

  AD5930_15 Datasheet HTML 1Page - Analog Devices AD5930_15 Datasheet HTML 2Page - Analog Devices AD5930_15 Datasheet HTML 3Page - Analog Devices AD5930_15 Datasheet HTML 4Page - Analog Devices AD5930_15 Datasheet HTML 5Page - Analog Devices AD5930_15 Datasheet HTML 6Page - Analog Devices AD5930_15 Datasheet HTML 7Page - Analog Devices AD5930_15 Datasheet HTML 8Page - Analog Devices AD5930_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5930
Rev. | Page 3 of 28
GENERAL DESCRIPTION
(continued from Page 1)
To program the device, the user enters the start frequency, the
increment step size, the number of increments to be made, and
the time interval that the part outputs each frequency. The
frequency sweep profile is initiated, started, and executed by
toggling the CTRL pin.
A number of different sweep profiles are offered. Frequencies can
be stepped in triangular-sweep mode, which continuously sweeps
up and down through the frequency range. Alternatively, in saw-
sweep mode, the frequency is swept up through the frequency
range, but returns to the initial frequency before executing the
sweep again. In addition, a single frequency or burst can be
generated without any sweep.
The AD5930 is written to via a 3-wire serial interface, which
operates at clock rates up to 40 MHz. The device operates with
a power supply from 2.3 V to 5.5 V. Note that AVDD and DVDD
are independent of each other and can be operated from
different voltages. The AD5930 also has a standby function,
which allows sections of the device that are not being used
to be powered down.
The AD5930 is available in a 20-lead pb-free TSSOP package.
B


Podobny numer części - AD5930_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
More results

Podobny opis - AD5930_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
AD5930 AD-AD5930 Datasheet
699Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. A
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
   Programmable Waveform Generator
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
203Kb / 16P
   High-Frequency Waveform Generator
19-0266; Rev 2a; 9/96
logo
National Instruments Co...
NI665X NI-NI665X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-VoltageDigital Waveform Generator/Analyzers
NI655X NI-NI655X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com