Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7112 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7112
Szczegółowy opis  LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7112 Arkusz danych(HTML) 3 Page - Analog Devices

  AD7112_15 Datasheet HTML 1Page - Analog Devices AD7112_15 Datasheet HTML 2Page - Analog Devices AD7112_15 Datasheet HTML 3Page - Analog Devices AD7112_15 Datasheet HTML 4Page - Analog Devices AD7112_15 Datasheet HTML 5Page - Analog Devices AD7112_15 Datasheet HTML 6Page - Analog Devices AD7112_15 Datasheet HTML 7Page - Analog Devices AD7112_15 Datasheet HTML 8Page - Analog Devices AD7112_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7112
REV. 0
–3–
TIMING SPECIFICATIONS1
Parameter
TA = +25 CTA = –40 C to +85 C
Units
Conditions/Comments
CS
to WR Setup Time
tCS
0
0
ns min
See Figure 3.
CS
to WR Hold Time
tCH
0
0
ns min
DAC Select to WR Setup Time
tAS
4
4
ns min
DAC Select to WR Hold Time
tAH
0
0
ns min
Data Valid to WR Setup Time
tDS
55
55
ns min
Data Valid to WR Hold Time
tDH
10
10
ns min
WR
Pulse Width
tWR
53
53
ns min
NOTES
1Timing specifications guaranteed by design not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage
level of 1.6 V.
Specifications subject to change without notice.
AC PERFORMANCE CHARACTERISTICS1
TA =
TA =
–40 C to
Parameter
+25 C
+85 C
Units
Conditions/Comments
DC Supply Rejection
∆ Gain/∆ V
DD
0.001
0.005
dB/% max
∆ V
DD = ± 5%. Input Code = 00000000
Digital-to-Analog Glitch Impulse
10
10
nV s typ
Measured with AD843 as output amplifier for input
code transition 10000000 to 00000000.
Output Capacitance, COUT A, COUT B
50
50
pF max
AC Feedthrough
VIN A to OUT A
–94
–90
dB max
VIN A, VIN B = 6 V rms at 1 kHz. DAC
Registers loaded with all 1s.
VIN B to OUT B
–94
–90
dB max
Channel-to-Channel Isolation
VIN A to OUT B
–87
–87
dB typ
VIN A = 6 V rms at 10 kHz sine wave,
VIN B = 0 V. DAC Registers loaded with all 0s.
VIN B to OUT A
–87
–87
dB typ
VIN B = 6 V rms at 10 kHz sine wave,
VIN A = 0 V. DAC Registers loaded with all 0s.
Digital Feedthrough
1
1
nV s typ
Measured with input code transitions of all 0s to all 1s.
Output Noise Voltage Density
(30 Hz to 50 kHz)
15
15
nV/
√Hz typ Measured between R
FB A and OUT A or between
RFB B and OUT B.
Total Harmonic Distortion
–91
–91
dB typ
VIN A = VIN B = 6 V rms at 1 kHz. DAC
Registers loaded with all 0s.
NOTES
1Guaranteed by design, not production tested.
Specifications subject to change without notice.
(VDD = +5 V
5%; 0UT A = OUT B = AGND = DGND = O V; VIN A = VIN B = 10 V)
(VDD = +5 V
5%; 0UT A = OUT B = AGND = DGND = 0 V; VIN A =
VIN B = 10 V. Output amplifier AD712 except where noted.)


Podobny numer części - AD7112_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7112BN AD-AD7112BN Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112BR AD-AD7112BR Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112CN AD-AD7112CN Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112CR AD-AD7112CR Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
More results

Podobny opis - AD7112_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
   Dual Logarithmic Converter
REV. A
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com