Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7143 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7143
Szczegółowy opis  Programmable Controller for Capacitance Touch Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7143 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7143_15 Datasheet HTML 6Page - Analog Devices AD7143_15 Datasheet HTML 7Page - Analog Devices AD7143_15 Datasheet HTML 8Page - Analog Devices AD7143_15 Datasheet HTML 9Page - Analog Devices AD7143_15 Datasheet HTML 10Page - Analog Devices AD7143_15 Datasheet HTML 11Page - Analog Devices AD7143_15 Datasheet HTML 12Page - Analog Devices AD7143_15 Datasheet HTML 13Page - Analog Devices AD7143_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
AD7143
Rev. 0 | Page 9 of 56
960
780
800
820
840
860
880
900
920
940
–40
120
100
3.6V
3.3V
2.7V
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 10. Supply Current vs. Temperature
12
10
8
6
4
2
0
–40
120
100
80
60
40
2.7V
3.3V
20
0
–20
TEMPERATURE (°C)
3.6V
Figure 11. Shutdown Supply Current vs. Temperature
4.8
1.3
0
10k
20k
30k
40k
50k
60k
CDC OUTPUT CODE
4.3
3.8
3.3
2.8
2.3
1.8
CDC OUTPUT CODE
Figure 12. 3.3 V Linearity
0.020
–0.010
0.015
0.010
0.005
0
–0.005
0
70k
CDC OUTPUT CODE
10k
20k
30k
40k
50k
60k
CDC OUTPUT CODE
Figure 13. 3.3 V Linearity Error
2.5
2.0
1.5
1.0
0.5
0
10
10M
100k
1k
FREQUENCY (Hz)
100mV
200mV
300mV
400mV
500mV
Figure 14. Power Supply Sine Wave Rejection
180
160
140
120
100
80
60
40
20
0
100
10M
25mV
100mV
200mV
300mV
1M
10k
100k
1k
SQUARE WAVE FREQUENCY (Hz)
50mV
Figure 15. Power Supply Square Wave Rejection


Podobny numer części - AD7143_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
More results

Podobny opis - AD7143_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com