Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7150 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7150
Szczegółowy opis  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7150 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7150_15 Datasheet HTML 4Page - Analog Devices AD7150_15 Datasheet HTML 5Page - Analog Devices AD7150_15 Datasheet HTML 6Page - Analog Devices AD7150_15 Datasheet HTML 7Page - Analog Devices AD7150_15 Datasheet HTML 8Page - Analog Devices AD7150_15 Datasheet HTML 9Page - Analog Devices AD7150_15 Datasheet HTML 10Page - Analog Devices AD7150_15 Datasheet HTML 11Page - Analog Devices AD7150_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7150
Rev. 0 | Page 8 of 28
500
–500
–250
0
250
11000
100
10
RESISTANCE CIN TO GND (MΩ)
Figure 10. Capacitance Input Offset Error vs. Resistance CIN to GND,
VDD = 3.3 V, EXC Pin Open Circuit
10
–10
–5
0
5
11000
100
10
RESISTANCE CIN TO GND (MΩ)
8
6
4
2
RESISTANCE EXC TO GND (MΩ)
Figure 11. Capacitance Input Gain Error vs. Resistance CIN to GND,
VDD = 3.3 V, CIN to EXC = 2 pF
10
–10
–5
0
5
010
0.50
–0.50
–0.25
0
0.25
010
8
6
4
2
RESISTANCE EXC TO GND (MΩ)
2
–8
–6
–4
–2
0
0250
200
150
100
50
SERIAL RESISTANCE (kΩ)
Figure 12. Capacitance Input Offset Error vs. Resistance EXC to GND,
VDD = 3.3 V, CIN Pin Open Circuit
Figure 13. Capacitance Input Gain Error vs. Resistance EXC to GND,
VDD = 3.3 V, CIN to EXC = 2 pF
Figure 14. Capacitance Input Gain Error vs. Serial Resistance,
VDD = 3.3 V, CIN to EXC = 2 pF
10
–10
–5
0
5
11000
100
10
PARALLEL RESISTANCE (MΩ)
Figure 15. Capacitance Input Gain Error vs. Parallel Resistance,
VDD = 3.3 V, CIN to EXC = 2 pF


Podobny numer części - AD7150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
More results

Podobny opis - AD7150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Analog Devices
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com