Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7150 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7150
Szczegółowy opis  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7150 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7150_15 Datasheet HTML 7Page - Analog Devices AD7150_15 Datasheet HTML 8Page - Analog Devices AD7150_15 Datasheet HTML 9Page - Analog Devices AD7150_15 Datasheet HTML 10Page - Analog Devices AD7150_15 Datasheet HTML 11Page - Analog Devices AD7150_15 Datasheet HTML 12Page - Analog Devices AD7150_15 Datasheet HTML 13Page - Analog Devices AD7150_15 Datasheet HTML 14Page - Analog Devices AD7150_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7150
Rev. 0 | Page 11 of 28
COMPARATOR AND THRESHOLD MODES
The AD7150 comparators and their thresholds can be
programmed to operate in several different modes. In an
adaptive mode, the threshold is dynamically adjusted and the
comparator output indicates fast changes and ignores slow
changes in the input (sensor) capacitance. Alternatively, the
threshold can be programmed as a constant (fixed) value, and
the output then indicates any change in the input capacitance
that crosses the defined fixed threshold.
The AD7150 logic output (active high) indicates either a positive or
a negative change in the input capacitance, in both adaptive and
fixed threshold modes (see Figure 25 and Figure 26).
POSITIVE
THRESHOLD
INPUT
CAPACITANCE
OUTPUT
OUTPUT ACTIVE
TIME
POSITIVE CHANGE
Figure 25. Positive Threshold Mode
Indicates Positive Change in Input Capacitance
NEGATIVE
THRESHOLD
INPUT
CAPACITANCE
OUTPUT
OUTPUT ACTIVE
TIME
NEGATIVE CHANGE
Figure 26. Negative Threshold Mode
Indicates Negative Change in Input Capacitance
Additionally, for the adaptive mode only, the comparators can
work as window comparators, indicating input either inside or
outside a selected sensitivity band (see Figure 27 and Figure 28).
POSITIVE
THRESHOLD
NEGATIVE
THRESHOLD
INPUT CAPACITANCE
OUTPUT
OUTPUT ACTIVE
TIME
INPUT INSIDE THRESHOLD WINDOW
Figure 27. In-Window (Adaptive) Threshold Mode
POSITIVE
THRESHOLD
NEGATIVE
THRESHOLD
INPUT CAPACITANCE
OUTPUT
OUTPUT ACTIVE
TIME
INPUT OUTSIDE THRESHOLD WINDOW
Figure 28. Out-Window (Adaptive) Threshold Mode
ADAPTIVE THRESHOLD
In an adaptive mode, the thresholds are dynamically adjusted,
ensuring indication of fast changes (for example, an object
moving close to a capacitive proximity sensor) and eliminating
slow changes in the input (sensor) capacitance, usually caused
by environment changes such as humidity or temperature or
changes in the sensor dielectric material over time (see Figure 29).
THRESHOLD
INPUT CAPACITANCE
OUTPUT
OUTPUT ACTIVE
TIME
FAST CHANGE
SLOW CHANGE
Figure 29. Adaptive Threshold
Indicates Fast Changes and Eliminates Slow Changes in Input Capacitance
DATA AVERAGE
The adaptive threshold algorithm is based on an average calculated
from previous CDC output data. The response of the average to an
input capacitance step change (more exactly, response to the change
in the CDC output data) is an exponential settling curve, which can
be characterized by the following equation:
)
1
(
)
0
(
)
(
/ TimeConst
N
e
Change
Average
N
Average
+
=
where:
Average(N) is the value of average N complete CDC conversion
cycles after a step change on the input.
Average(0) is the value before the step change.
TimeConst can be selected in the range between 2 and 65,536, in
steps of power of 2, by programming the ThrSettling bits in the
setup registers.
See Figure 30 and the Register Descriptions section.
INPUT CAPACITANCE
(CDC DATA) CHANGE
DATA AVERAGE RESPONSE
TIME
Figure 30. Data Average Response to Data Step Change


Podobny numer części - AD7150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
More results

Podobny opis - AD7150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Analog Devices
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com