Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7226 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7226
Szczegółowy opis  LC MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7226 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7226_15 Datasheet HTML 2Page - Analog Devices AD7226_15 Datasheet HTML 3Page - Analog Devices AD7226_15 Datasheet HTML 4Page - Analog Devices AD7226_15 Datasheet HTML 5Page - Analog Devices AD7226_15 Datasheet HTML 6Page - Analog Devices AD7226_15 Datasheet HTML 7Page - Analog Devices AD7226_15 Datasheet HTML 8Page - Analog Devices AD7226_15 Datasheet HTML 9Page - Analog Devices AD7226_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV.
–6–
AD7226
INTERFACE LOGIC INFORMATION
Address lines A0 and A1 select which DAC will accept data
from the input port. Table I shows the selection table for the
four DACs with Figure 4 showing the input control logic. When
the
WR signal is LOW, the input latches of the selected DAC
are transparent and its output responds to activity on the data
bus. The data is latched into the addressed DAC latch on the
rising edge of
WR. While WR is high the analog outputs remain
at the value corresponding to the data held in their respective latches.
Table I. AD7226 Truth Table
AD7226 Control Inputs
AD7226
WR
A1
A0
Operation
HX
XNo Operation Device Not Selected
LL
L
DAC A Transparent
LL
DAC A Latched
LL
H
DAC B Transparent
LH
DAC B Latched
LH
L
DAC C Transparent
HL
DAC C Latched
LH
H
DAC D Transparent
HH
DAC D Latched
L = Low State, H = High State, X = Don’t Care
A0
A1
WR
TO LATCH A
TO LATCH B
TO LATCH C
TO LATCH D
Figure 4. Input Control Logic
t
DS
t
DH
t
AH
t
AS
VINL
VINH
VINH
VINL
VDD
VDD
VDD
DATA
ADDRESS
WR
0
0
0
t
WR
NOTES
1. ALL INPUT SIGNAL RISE AND FALL TIMES
MEASURED FROM 10% TO 90% OF VDD.
t
r = tf = 20ns OVER VDD RANGE.
2. TIMING MEASUREMENT REFERENCE LEVEL IS
3. SELECTED INPUT LATCH IS TRANSPARENT WHILE
WR IS
LOW, THUS INVALID DATA DURING THIS TIME CAN CAUSE
SPURIOUS OUTPUTS.
VINH + VINL
2
Figure 5. Write Cycle Timing Diagram
D


Podobny numer części - AD7226_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Podobny opis - AD7226_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
MB40778PF ETC1-MB40778PF Datasheet
17Kb / 1P
   C-MOS 8-BIT VIDEO D/A CONVERTER
logo
Analog Devices
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Analog Devices
AD7836 AD-AD7836_15 Datasheet
176Kb / 12P
   LC MOS Quad 14-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com