Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7233 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7233
Szczegółowy opis  LC MOS 12-Bit Serial Mini-DIP DACPORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7233 Arkusz danych(HTML) 2 Page - Analog Devices

  AD7233_15 Datasheet HTML 1Page - Analog Devices AD7233_15 Datasheet HTML 2Page - Analog Devices AD7233_15 Datasheet HTML 3Page - Analog Devices AD7233_15 Datasheet HTML 4Page - Analog Devices AD7233_15 Datasheet HTML 5Page - Analog Devices AD7233_15 Datasheet HTML 6Page - Analog Devices AD7233_15 Datasheet HTML 7Page - Analog Devices AD7233_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD7233–SPECIFICATIONS1
(VDD = +12 V to +15 V,
2 V
SS = –12 V to –15 V,
2 GND = 0 V, R
L = 2 k
, CL = 100 pF
to GND. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
A Version
B Version
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
12
12
Bits
Relative Accuracy
3
±1
±1/2
LSB max
Differential Nonlinearity
3
±0.9
±0.9
LSB max
Guaranteed Monotonic
Bipolar Zero Error3
±6
±6
LSB max
DAC Latch Contents 0000 0000 0000
Full-Scale Error
3
±8
±8
LSB max
Full-Scale Temperature Coefficient
4
±30
±30
ppm of FSR/
°C typ
Guaranteed By Process
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IIN
±1
±1
µA max
VIN = 0 V to VDD
Input Capacitance
4
8
8
pF max
ANALOG OUTPUTS
Output Voltage Range
±5
±5V
DC Output Impedance
4
0.5
0.5
Ω typ
AC CHARACTERISTICS
4
Voltage Output Settling Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
10
10
µs max
Typically 4
µs; DAC Latch 100. . .000 to 011. . .111
Negative Full-Scale Change
10
10
µs max
Typically 5
µs; DAC Latch 011. . .111 to 100. . .000
Digital-to-Analog Glitch Impulse
3
30
30
nV secs typ
DAC Latch Contents Toggled Between All 0s and all 1s
Digital Feedthrough3
10
10
nV secs typ
LDAC = High
POWER REQUIREMENTS
VDD Range
10.8/16.5
10.8/16.5
V min/V max
For Specified Performance Unless Otherwise Stated
VSS Range
–10.8/–16.5
–10.8/–16.5
V min/V max
For Specified Performance Unless Otherwise Stated
IDD
10
10
mA max
Output Unloaded; Typically 7 mA at Thresholds
ISS
2
2
mA max
Output Unloaded; Typically 1 mA at Th
resholds
NOTES
1Temperature Ranges are as follows: A, B Versions: –40
°C to +85°C.
2Power Supply Tolerance: A, B Versions:
±10%.
3See Terminology.
4Guaranteed by design and characterization, not production tested.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Limit at 25 C, TMIN, TMAX
Parameter
(All Versions)
Unit
Conditions/Comments
t1
3
200
ns min
SCLK Cycle Time
t2
15
ns min
SYNC to SCLK Falling Edge Setup Time
t3
70
ns min
SYNC to SCLK Hold Time
t4
0
ns min
Data Setup Time
t5
40
ns min
Data Hold Time
t6
0
ns min
SYNC High to LDAC Low
t7
20
ns min
LDAC Pulsewidth
t8
0
ns min
LDAC High to SYNC Low
NOTES
1Sample tested at 25
°C to ensure compliance. All input signals are specified with tr and tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figure 3.
3SCLK Mark/Space Ratio range is 40/60 to 60/40.
(VDD = +10.8 V to +16.5 V, VSS = –10.8 V to –16.5 V, GND = O V, RL = 2 k , CL = 100 pF. All
Specifications TMIN to TMAX unless otherwise noted.)


Podobny numer części - AD7233_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7233AN AD-AD7233AN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233AN AD-AD7233AN Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233BN AD-AD7233BN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233BN AD-AD7233BN Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
More results

Podobny opis - AD7233_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243_15 Datasheet
173Kb / 12P
   LC MOS 12-Bit Serial DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com