Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7233 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7233
Szczegółowy opis  LC MOS 12-Bit Serial Mini-DIP DACPORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7233 Arkusz danych(HTML) 3 Page - Analog Devices

  AD7233_15 Datasheet HTML 1Page - Analog Devices AD7233_15 Datasheet HTML 2Page - Analog Devices AD7233_15 Datasheet HTML 3Page - Analog Devices AD7233_15 Datasheet HTML 4Page - Analog Devices AD7233_15 Datasheet HTML 5Page - Analog Devices AD7233_15 Datasheet HTML 6Page - Analog Devices AD7233_15 Datasheet HTML 7Page - Analog Devices AD7233_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7233
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –17 V
VOUT
2 to GND . . . . . . . . . . . . . . . . . . . . –6 V to V
DD +0.3 V
Digital Inputs to GND . . . . . . . . . . . . –0.3 V to VDD +0.3 V
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . 300
°C
Power Dissipation to 75
°C . . . . . . . . . . . . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2The output may be shorted to voltages in this range provided the power dissipation
of the package is not exceeded. Short circuit current is typically 80 mA.
ORDERING GUIDE
Temperature
Relative
Package
Model
Range
Accuracy
Option
*
AD7233AN
–40
°C to +85°C
±1 LSB
N-8
AD7233BN
–40
°C to +85°C
±1/2 LSB
N-8
*N = Plastic DIP.
TERMINOLOGY
RELATIVE ACCURACY (LINEARITY)
Relative accuracy, or endpoint linearity, is a measure of the
maximum deviation of the DAC transfer function from a straight
line passing through the endpoints of the transfer function. It is
measured after allowing for zero and full-scale errors and is
expressed in LSBs or as a percentage of full-scale reading.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB or less
over the operating temperature range ensures monotonicity.
BIPOLAR ZERO ERROR
Bipolar zero error is the voltage measured at VOUT when the
DAC is loaded with all 0s. It is due to a combination of offset
errors in the DAC, amplifier and mismatch between the internal
gain resistors around the amplifier.
FULL-SCALE ERROR
Full-scale error is a measure of the output error when the
amplifier output is at full scale (full scale is either positive or
negative full scale).
DIGITAL-TO-ANALOG GLITCH IMPULSE
This is the voltage spike that appears at the output of the DAC
when the digital code in the DAC latch changes before the out-
put settles to its final value. The energy in the glitch is specified
in nV secs, and is measured for an all codes change (0000 0000
0000 to 1111 1111 1111).
DIGITAL FEEDTHROUGH
This is a measure of the voltage spike that appears on VOUT as a
result of feedthrough from the digital inputs on the AD7233. It
is measured with
LDAC held high.


Podobny numer części - AD7233_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7233AN AD-AD7233AN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233AN AD-AD7233AN Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233BN AD-AD7233BN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233BN AD-AD7233BN Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
More results

Podobny opis - AD7233_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243_15 Datasheet
173Kb / 12P
   LC MOS 12-Bit Serial DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com