Zakładka z wyszukiwarką danych komponentów |
|
AD7237A Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD7237A Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 12 page AD7237A/AD7247A REV. 0 –8– CIRCUIT INFORMATION D/A Section The AD7237A/AD7247A contains two 12-bit voltage-mode D/A converters consisting of highly stable thin film resistors and high speed NMOS single-pole, double-throw switches. The output voltage from the converters has the same polarity as the refer- ence voltage, REF IN, allowing single supply operation. The simplified circuit diagram for one of the D/A converters is shown in Figure 2. The REF IN voltage is internally buffered by a unity gain amplifier before being applied to the D/A converters. The D/A converters are configured and scaled for a 5 V reference and the device is tested with 5 V applied to REF IN. Figure 2. D/A Simplified Circuit Diagram Internal Reference The AD7237A/AD7247A has an on-chip temperature compen- sated buried Zener reference (see Figure 3) which is factory trimmed to 5 V ±30 mV (±50 mV for T Version). The reference voltage is provided at the REF OUT pin. This reference can be used to provide the reference voltage for the D/A converter (by connecting the REF OUT pin to the REF IN pin) and the offset voltage for bipolar outputs (by connecting REF OUT to ROFS). The reference voltage can also be used as a reference for other components and is capable of providing up to 500 µA to an ex- ternal load. The maximum recommended capacitance on REF OUT for normal operation is 50 pF. If the reference is required for external use, it should be decoupled to AGND (GND) with a 200 Ω resistor in series with parallel combination of a 10 µF tantalum capacitor and a 0.1 µF ceramic capacitor. Figure 3. Internal Reference External Reference In some applications, the user may require a system reference or some other external reference to drive the AD7237A/ AD7247A reference input. References such as the AD586 5 V reference provide the ideal external reference source for the AD7237A/ AD7247A (see Figure 9). Op Amp Section The output of the voltage-mode D/A converter is buffered by a noninverting CMOS amplifier. The ROFS input allows different output voltage ranges to be selected. The buffer amplifier is ca- pable of developing +10 V across a 2 k Ω load to GND. The output amplifier can be operated from a single +12 V to +15 V supply by tying VSS = 0 V. The amplifier can also be operated from dual supplies ( ±12 V to ±15 V) to allow a bipolar output range of –5 V to +5 V. The advantages of having dual supplies for the unipolar output ranges are faster settling time to voltages near 0 V, full sink capability of 2.5 mA maintained over the en- tire output range and the elimination of the effects of negative offsets on the transfer characteristic (outlined previously). A plot of the single supply output sink capability of the amplifier is shown in the Typical Performance Graphs section. INTERFACE LOGIC INFORMATION—AD7247A Table I shows the truth table for AD7247A operation. The part contains a single, parallel 12-bit latch for each DAC. It can be treated as two independent DACs, each with its own CS input and a common WR input. CSA and WR control the loading of data to the DAC A latch while CSB and WR control the loading of the DAC B latch. If CSA and CSB are both low, with WR low, the same data will be written to both DAC latches. All con- trol signals are level triggered and therefore either or both latches can be made transparent. Input data is latched to the re- spective latch on the rising edge of WR. Figure 4 shows the in- put control logic for the AD7247A, while the write cycle timing diagram for the part is shown in Figure 5. Figure 4. AD7247A Input Control Logic Figure 5. AD7247A Write Cycle Timing Diagram |
Podobny numer części - AD7237A_15 |
|
Podobny opis - AD7237A_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |