Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7237A Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7237A
Szczegółowy opis  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7237A Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7237A_15 Datasheet HTML 4Page - Analog Devices AD7237A_15 Datasheet HTML 5Page - Analog Devices AD7237A_15 Datasheet HTML 6Page - Analog Devices AD7237A_15 Datasheet HTML 7Page - Analog Devices AD7237A_15 Datasheet HTML 8Page - Analog Devices AD7237A_15 Datasheet HTML 9Page - Analog Devices AD7237A_15 Datasheet HTML 10Page - Analog Devices AD7237A_15 Datasheet HTML 11Page - Analog Devices AD7237A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7237A/AD7247A
REV. 0
–10–
APPLYING THE AD7237A/AD7247A
The internal scaling resistors provided on the AD7237A/
AD7247A allow several output voltage ranges. The part can
produce unipolar output ranges of 0 V to +5 V or 0 V to +10 V
and a bipolar output range of
±5 V. Connections for the various
ranges are outlined below. Since each DAC has its own ROFS
input the two DACs on each part can be set up for different
output ranges.
Unipolar (0 V to +10 V) Configuration
The first of the configurations provides an output voltage range
of 0 V to +10 V. This is achieved by connecting the output off-
set resistor, ROFSA, or ROFSB, to AGND (GND for AD7247A).
In this configuration, the AD7237A/AD7247A can be operated
from single or dual supplies. Figure 8 shows the connection dia-
gram for unipolar operation for DAC A of the AD7237A, while
the table for output voltage versus digital code in the DAC latch
is shown in Table III. Similar connections apply to the AD7247A.
Figure 8. Unipolar (0 to +10 V) Configuration
Table III. Unipolar Code Table (0 to +10 V Range)
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1111 1111 1111
+2 • REF IN (4095/4096)
1000 0000 0001
+2 • REF IN (2049/4096)
1000 0000 0000
+2 • REF IN (2048/4096) = +REF IN
0111 1111 1111
+2 • REF IN (2047/4096)
0000 0000 0001
+2 • REF IN (1/4096)
0000 0000 0000
0 V
Note: 1 LSB = REF IN/2048.
Unipolar (0 V to +5 V) Configuration
The 0 V to +5 V output voltage range is achieved by tying ROFSA
or ROFSB to VOUTA or VOUTB. Once again, the AD7237A/
AD7247A can be operated single supply or from dual supplies.
The table for output voltage versus digital code is as in Table
III, with 2 • REF IN replaced by REF IN. Note, for this range,
1 LSB = REF IN • (2
–12) = (REF IN/4096).
Bipolar Configuration
The bipolar configuration for the AD7237A/AD7247A, which
gives an output range of –5 V to +5 V, is achieved by connect-
ing ROFSA, or ROFSB, to REF IN. The AD7237A/AD7247A must
be operated from dual supplies to achieve this output voltage
range. Figure 9 shows the connection diagram for bipolar opera-
tion for DAC A of the AD7247A. An AD586 provides the refer-
ence voltage for the DAC but this could be provided by the
on-chip reference by connecting REF OUT to REF IN. The
code table for bipolar operation is shown in Table IV. Similar
connections apply for the AD7237A.
Figure 9. Bipolar Configuration
Table IV. Bipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1111 1111 1111
+REF IN • (2047/2048)
1000 0000 0001
+REF IN • (1/2048)
1000 0000 0000
0 V
0111 1111 1111
–REF IN • (1/2048)
0000 0000 0001
–REF IN • (2047/2048)
0000 0000 0000
–REF IN • (2048/2048) = –REF IN
Note: 1 LSB = REF IN/2048.


Podobny numer części - AD7237A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7237AAN AD-AD7237AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237AAR AD-AD7237AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237ABN AD-AD7237ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237ABR AD-AD7237ABR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237AQ AD-AD7237AQ Datasheet
1Mb / 7P
   LC2MOS DUAL 12-BIT DACPORT
REV. A
More results

Podobny opis - AD7237A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com