Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7237A Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7237A
Szczegółowy opis  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7237A Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7237A_15 Datasheet HTML 4Page - Analog Devices AD7237A_15 Datasheet HTML 5Page - Analog Devices AD7237A_15 Datasheet HTML 6Page - Analog Devices AD7237A_15 Datasheet HTML 7Page - Analog Devices AD7237A_15 Datasheet HTML 8Page - Analog Devices AD7237A_15 Datasheet HTML 9Page - Analog Devices AD7237A_15 Datasheet HTML 10Page - Analog Devices AD7237A_15 Datasheet HTML 11Page - Analog Devices AD7237A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7237A/AD7247A
REV. 0
–11–
MICROPROCESSOR INTERFACING—AD7247A
Figures 10 to 12 show interfaces between the AD7247A and
the ADSP-2101 DSP processor and the 8086 and 68000 16-bit
microprocessors. In all three interfaces, the AD7247A is
memory-mapped with a separate memory address for each DAC.
AD7247A—ADSP-2101 Interface
Figure 10 shows an interface between the AD7247A and the
ADSP-2101. The 12-bit word is written to the selected DAC
latch of the AD7247A in a single instruction, and the analog
output responds immediately. Depending on the clock fre-
quency of the ADSP-2101, either one or two wait states will
have to be programmed into the data memory wait state control
register of the ADSP-2101.
Figure 10. AD7247A to ADSP-2101 Interface
AD7247A—8086 Interface
Figure 11 shows an interface between the AD7247A and the
8086 microprocessor. The 12-bit word is written to the selected
DAC latch of the AD7247A in a single MOV instruction, and
the analog output responds immediately.
Figure 11. AD7247A to 8086 Interface
AD7247A—MC68000 Interface
Interfacing between the AD7247A and the MC68000 micropro-
cessor is achieved using the circuit of Figure 12. Once again, the
12-bit word is written to the selected DAC latch of the
AD7247A in a single MOVE instruction. CSA and CSB have to
be AND-gated to provide a DTACK signal for the MC68000
when either DAC latch is selected.
Figure 12. AD7247A to MC68000 Interface
MICROPROCESSOR INTERFACING—AD7237A
Figures 13 to 15 show the AD7237A configured for interfacing
to microprocessors with 8-bit databus systems. In all cases, data
is right-justified, and the AD7237A is memory-mapped with the
two lowest address lines of the microprocessor address bus driv-
ing the A0 and A1 inputs of the converter.
AD7237A—8085A/8088 Interface
Figure 13 shows the connection diagram for interfacing the
AD7237A to both the 8085A and the 8088. This scheme is also
suited to the Z80 microprocessor, but the Z80 address/ databus
does not have to be demultiplexed. The AD7237A requires five
separate memory addresses, one for the each MS latch and one
for each LS latch and one for the common LDAC input. Data is
written to the respective input latch in two write operations.
Figure 13. AD7237A to 8085A/8088 Interface


Podobny numer części - AD7237A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7237AAN AD-AD7237AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237AAR AD-AD7237AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237ABN AD-AD7237ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237ABR AD-AD7237ABR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237AQ AD-AD7237AQ Datasheet
1Mb / 7P
   LC2MOS DUAL 12-BIT DACPORT
REV. A
More results

Podobny opis - AD7237A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com