Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7237A Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7237A
Szczegółowy opis  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7237A Arkusz danych(HTML) 2 Page - Analog Devices

  AD7237A_15 Datasheet HTML 1Page - Analog Devices AD7237A_15 Datasheet HTML 2Page - Analog Devices AD7237A_15 Datasheet HTML 3Page - Analog Devices AD7237A_15 Datasheet HTML 4Page - Analog Devices AD7237A_15 Datasheet HTML 5Page - Analog Devices AD7237A_15 Datasheet HTML 6Page - Analog Devices AD7237A_15 Datasheet HTML 7Page - Analog Devices AD7237A_15 Datasheet HTML 8Page - Analog Devices AD7237A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD7237A/AD7247A–SPECIFICATIONS
(VDD = +12 V to +15 V,
1 V
SS = 0 V or –12 V to –15 V,
1 AGND =
DGND = 0 V [AD7237A], GND = 0 V [AD7247A], REF IN = +5 V,
Parameter
A
2
B
2
T
2
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
12
12
12
Bits
Relative Accuracy
3
±1
±1/2
±1/2
LSB max
Differential Nonlinearity
3
±0.9
±0.9
±0.9
LSB max
Guaranteed Monotonic
Unipolar Offset Error
3
±3
±3
±4
LSB max
VSS = 0 V or –12 V to –15 V
4. DAC Latch Contents All 0s
Bipolar Zero Error
3
±6
±4
±6
LSB max
VSS = –12 V to –15 V
4. DAC Latch Contents
1000 0000 0000
Full-Scale Error
3, 5
±5
±5
±6
LSB max
Full-Scale Mismatch
5
±1
±1
±1
LSB typ
REFERENCE OUTPUT
REF OUT
4.97/5.03
4.97/5.03
4.95/5.05
V min/max
Reference Temperature
Coefficient
±25
±25
±25
ppm/
°C typ
Reference Load Change
(
∆REF OUT vs. ∆I)
–1
–1
–1
mV max
Reference Load Current Change (0-100
µA)
REFERENCE INPUT
Reference Input Range
4.75/5.25
4.75/5.25
4.75/5.25
V min/max
5 V
± 5%
Input Current
6
±5
±5
±5
µA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current
IIN (Data Inputs)
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance
6
8
8
8
pF max
ANALOG OUTPUTS
Output Range Resistors
15/30
15/30
15/30
k
Ω min/max
Output Voltage Ranges
7
+5, +10
+5, +10
V
Single Supply; (VSS = 0 V)
Output Voltage Ranges
7
+5, +10,
±5 +5, +10, ±5 +5, +10, ±5
Dual Supply; (VSS = –12 V to –15 V
4)
DC Output Impedance
0.5
0.5
0.5
Ω typ
AC CHARACTERISTICS
6
Voltage Output Settling Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
8
8
10
µs max
DAC Latch all 0s to all 1s. Typically 5
µs
Negative Full-Scale Change 8
8
10
µs max
DAC Latch all 1s to all 0s. Typically 5
µs
VSS = –12 V to –15 V
4.
Digital-to-Analog Glitch
Impulse
3
30
30
30
nV secs typ
DAC Latch Contents Toggled Between all 0s and all 1s
Digital Feedthrough
3
10
10
10
nV secs typ
Digital Crosstalk
3
30
30
30
nV secs typ
POWER REQUIREMENTS
VDD
+10.8/+16.5 +11.4/+15.75 +11.4/+15.75 V min/max
For Specified Performance Unless Otherwise Stated
VSS
–10.8/–16.5
–11.4/–15.75 –11.4/–15.75
V min/max
For Specified Performance Unless Otherwise Stated
IDD
15
15
15
mA max
Output Unloaded. Typically 10 mA
ISS (Dual Supplies)
5
5
5
mA max
Output Unloaded. Typically 3 mA
NOTES
1Power Supply tolerance is
±10% for A version and ±5% for B and T versions.
2Temperature ranges are as follows: A, B Versions, –40
°C to +85°C; T Version, –55°C to +125°C.
3See Terminology.
4With appropriate power supply tolerances.
5Measured with respect to REF IN and includes unipolar/bipolar offset error.
6Sample tested @ +25
°C to ensure compliance.
70 V to +10 V range is only available with V
DD
≥ 14.25 V.
Specifications subject to change without notice.
RL = 2 kΩ, CL = 100 pF. All specifications TMIN to TMAX unless otherwise noted.)


Podobny numer części - AD7237A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7237AAN AD-AD7237AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237AAR AD-AD7237AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237ABN AD-AD7237ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237ABR AD-AD7237ABR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237AQ AD-AD7237AQ Datasheet
1Mb / 7P
   LC2MOS DUAL 12-BIT DACPORT
REV. A
More results

Podobny opis - AD7237A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com