Zakładka z wyszukiwarką danych komponentów |
|
AD7242 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD7242 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 12 page AD7242/AD7244 REV. A –5– AD7242/AD7244 PIN FUNCTION DESCRIPTION DIP Pin No. Mnemonic Description 1 LDACA Load DAC, Logic Input. A new word is transferred into DAC Latch A from input Latch A on the fall- ing edge of this signal. If LDACA is hard-wired low, data is transferred from input Latch A to DAC Latch A on the sixteenth falling edge of TCLKA after TFSA goes low. 2 TFSA Transmit Frame Synchronization, Logic Input. This is a frame or synchronization signal for DACA data with serial data expected after the falling edge of this signal. 3 DTA Transmit Data, Logic Input. This is the data input which is used in conjunction with TFSA and TCLKA to transfer serial data to input Latch A. 4 TCLKA Transmit Clock, Logic Input. Serial data bits for DACA are latched on the falling edge of TCLKA when TFSA is low. 5 DGND Digital Ground. Both DGND pins for the device must be tied together at the device. 6 TP1 Test Pin 1. Used when testing the device. Do not connect anything to this pin. 7VDD Positive Power Supply, 5 V ± 5%. Both V DD pins for the device must be tied together at the device. 8 AGND Analog Ground. Both AGND pins for the device must be tied together at the device. 9VOUTB Analog Output Voltage from DACB. This output comes from a buffer amplifier. The range is bipolar, ±3 V with REF INB = +3 V. 10 VSS Negative Power Supply, –5 V ± 5%. Both V SS pins for the device must be tied together at the device. 11 TP2 Test Pin 2. Used when testing the device. Do not connect anything to this pin. 12 REF INB DACB Voltage Reference Input. The voltage reference for DACB is applied to this pin. It is internally buffered before being applied to DACB. The nominal reference voltage for correct operation of the AD7242/AD7244 is 3 V. 13 LDACB Load DAC, Logic Input. A new word is transferred into DAC Latch B from input Latch B on the fall- ing edge of this signal. If LDACB is hard-wired low, data is transferred from input Latch B to DAC Latch B on the sixteenth falling edge of TCLKB after TFSB goes low. 14 TFSB Transmit Frame Synchronization, Logic Input. This is a frame or synchronization signal for DACB data with serial data expected after the falling edge of this signal. 15 DTB Transmit Data, Logic Input. This is the data input used in conjunction with TFSB and TCLKB to transfer serial data to input Latch B. 16 TCLKB Transmit Clock, Logic Input. Serial data bits for DACB are latched on the falling edge of TCLKB when TFSB is low. 17 DGND Digital Ground. Both DGND pins for the device must be tied together at the device. 18 TP3 Test Pin 3. Used when testing the device. Do not connect anything to this pin. 19 VDD Positive Power Supply, 5 V ± 5%. Both V DD pins for the device must be tied together at the device. 20 AGND Analog Ground. Both AGND pins for the device must be tied together at the device. 21 VOUTA Analog Output Voltage from DACA. This output comes from a buffer amplifier. The range is bipolar, ±3 V with REF INA = +3 V. 22 VSS Negative Power Supply, –5 V ± 5%. Both V SS pins for the device must be tied together at the device. 23 REF OUT Voltage Reference Output. To operate the DACs with this internal reference, REF OUT should be connected to both REF INA and REF INB. The external load capability of the reference is 500 µA. 24 REF INA DACA Voltage Reference Input. The voltage reference for DACA is applied to this pin. It is internally buffered before being applied to DACA. The nominal reference voltage for correct operation of the AD7242/AD7244 is 3 V. |
Podobny numer części - AD7242_15 |
|
Podobny opis - AD7242_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |