Zakładka z wyszukiwarką danych komponentów |
|
AD7242 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD7242 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 12 page AD7242/AD7244 REV. A –7– Output Amplifier The outputs from each of the voltage-mode DACs are buffered by a noninverting amplifier. The buffer amplifier is capable of developing ±3 V across a 2 kΩ and 100 pF load to ground, and can produce 6 V peak-to-peak sine wave signals to a frequency of 20 kHz. The output is updated on the falling edge of the respective LDAC input. The output voltage settling time, to within 1/2 LSB of its final value, is typically less than 2 µs for the AD7242 and 2.5 µs for the AD7244. The small signal (200 mV p-p) bandwidth of the output buffer amplifier is typically 1 MHz. The output noise from the amplifier is low, with a figure of 30 nV/ √Hz at a frequency of 1 kHz. The broadband noise from the amplifier exhibits a typical peak-to-peak figure of 150 µV for a 1 MHz output bandwidth. Figure 4 shows a typical plot of noise spectral density versus frequency for the output buffer amplifier and for the on-chip reference (including and excluding the decoupling components). Figure 4. Noise Spectral Density vs. Frequency TRANSFER FUNCTION The basic circuit configuration for the AD7242/AD7244 is shown in Figure 5. Table I and Table II show the ideal input code to output voltage relationship for the AD7242 and AD7244 respectively. Input coding for the AD7242/AD7244 is 2s complement. Figure 5. Basic Connection Diagram For the AD7242, the output voltage can be expressed in terms of the input code, N, using the following relationship: VOUT = 2 • N • REF IN 4096 where –2048 ≤ N ≤ +2047 For the AD7244, the output voltage can be expressed in terms of the input code, N, using the following relationship: VOUT = 2 • N • REF IN 16384 where –8192 ≤ N ≤ +8191 Table I. AD7242 Ideal Input/Output Code Table Code DAC Latch Contents MSB LSB Analog Output, VOUT* 01 11 1111 1111 +2.998535 V 01 11 1111 1110 +2.99707 V 00 00 0000 0001 +0.001465 V 00 00 0000 0000 0 V 11 11 1111 1111 –0.001465 V 10 00 0000 0001 –2.998535 V 10 00 0000 0000 –3 V *Assuming REF IN = +3 V. Table II. AD7244 Ideal Input/Output Code Table Code DAC Latch Contents MSB LSB Analog Output, VOUT* 01 1111 1111 1111 +2.999634 V 01 1111 1111 1110 +2.99268 V 00 0000 0000 0001 +0.000366 V 00 0000 0000 0000 0 V 11 1111 1111 1111 –0.000366 V 10 0000 0000 0001 –2.999634 V 10 0000 0000 0000 –3 V *Assuming REF IN = +3 V. |
Podobny numer części - AD7242_15 |
|
Podobny opis - AD7242_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |