Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7243
Szczegółowy opis  LC MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7243 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7243_15 Datasheet HTML 3Page - Analog Devices AD7243_15 Datasheet HTML 4Page - Analog Devices AD7243_15 Datasheet HTML 5Page - Analog Devices AD7243_15 Datasheet HTML 6Page - Analog Devices AD7243_15 Datasheet HTML 7Page - Analog Devices AD7243_15 Datasheet HTML 8Page - Analog Devices AD7243_15 Datasheet HTML 9Page - Analog Devices AD7243_15 Datasheet HTML 10Page - Analog Devices AD7243_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
–7–
AD7243
Although 16 bits of data are clocked into the input register, only
the latter 12 bits get transferred into the DAC latch. The first 4
bits in the 16 bit stream are don’t cares since their value does
not affect the DAC latch data. Therefore, the data format is 4
don’t cares followed by the 12-bit data word with the LSB as
the last bit in the serial stream.
There are two ways in which the DAC latch and hence the ana-
log output may be updated. The status of the
LDAC input is
examined after
SYNC is taken low. Depending on its status, one
of two update modes is selected.
If
LDAC = 0, then the automatic update mode is selected. In
this mode the DAC latch and analog output are updated auto-
matically when the last bit in the serial data stream is clocked in.
The update thus takes place on the sixteenth falling SCLK edge.
If
LDAC = 1, then the automatic update is disabled and the
DAC latch is updated by taking
LDAC low any time after the
16-bit data transfer is complete. The update now occurs on the
falling edge of
LDAC. Note that the LDAC input must be taken
back high again before the next data transfer is initiated.
Serial Data Loading Format (Daisy-Chain Mode)
By connecting DCEN high the daisy-chain mode is enabled.
This mode of operation is designed for multi-DAC systems
where several AD7243s may be connected in cascade (see Fig-
ure 16). In this mode the internal gating circuitry on SCLK is
disabled, and a serial data output facility is enabled. The inter-
nal gating signal is permanently active (low) so that the SCLK
signal is continuously applied to the input shift register when
SYNC is low. The data is clocked into the register on each fall-
ing SCLK edge after
SYNC going low. If more than 16 clock
pulses are applied, the data ripples out of the shift register and
appears on the SDO line. By connecting this line to the SDIN
input on the next AD7243 in the chain, a multi-DAC interface
may be constructed. Sixteen SCLK pulses are required for each
DAC in the system. Therefore, the total number of clock cycles
must equal 16N where N is the total number of devices in the
chain. When the serial transfer to all devices is complete,
SYNC
should be taken high. This prevents any further data being
clocked into the input register.
A continuous SCLK source may be used if it can be arranged
that
SYNC is held low for the correct number of clock cycles.
Alternatively, a burst clock containing the exact number of clock
cycles may be used and
SYNC taken high some time later.
When the transfer to all input registers is complete, a common
LDAC signal updates all DAC latches with the lower 12 bits of
data in each input register. All analog outputs are therefore up-
dated simultaneously on the falling edge of
LDAC.
Clear Function (
CLR)
The clear function bypasses the input shift register and loads the
DAC Latch with all 0s. It is activated by taking
CLR low. In all
ranges except the Offset Binary bipolar range (–5 V to +5 V) the
output voltage is reset to 0 V. In the offset binary bipolar range
the output is set to –REFIN. The clear function is especially
useful at power-up as it enables the output to be reset to a
known state.
SCLK
DB11 (N)
MSB
DB0 (N)
LSB
* = DON'T CARE
SDIN
SYNC
LDAC
CLR
DB0 (N)
LSB
SDO
DB15 (N)*
DB15*
(N + 1)
DB11 (N + 1)
MSB
DB0 (N + 1)
LSB
UNDEFINED
DB15 (N)*
DB11 (N)
MSB
t1
t2
t3
t5
t4
t11
t6
t7
t8
t9
t10
Figure 8. Timing Diagram (Daisy-Chain Mode)


Podobny numer części - AD7243_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243AN AD-AD7243AN Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
logo
List of Unclassifed Man...
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
logo
Analog Devices
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Podobny opis - AD7243_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7233 AD-AD7233_15 Datasheet
103Kb / 8P
   LC MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com