Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7244 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7244
Szczegółowy opis  LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7244 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7244_15 Datasheet HTML 2Page - Analog Devices AD7244_15 Datasheet HTML 3Page - Analog Devices AD7244_15 Datasheet HTML 4Page - Analog Devices AD7244_15 Datasheet HTML 5Page - Analog Devices AD7244_15 Datasheet HTML 6Page - Analog Devices AD7244_15 Datasheet HTML 7Page - Analog Devices AD7244_15 Datasheet HTML 8Page - Analog Devices AD7244_15 Datasheet HTML 9Page - Analog Devices AD7244_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7242/AD7244
REV. A
–6–
CIRCUIT DESCRIPTION
The AD7242/AD7244 contains two 12-bit/14-bit D/A convert-
ers, each with an output buffer amplifier. The part also contains
a reference input buffer amplifier for each DAC, and an on-chip
3 V reference.
D/A Section
The AD7242/AD7244 contains two 12-bit/14-bit voltage mode
D/A converters, each consisting of highly stable thin-film resistors
and high speed single-pole, double-throw switches. The simplified
circuit diagram for the DAC section is shown in Figure 1. The
three MSBs of the data word are decoded to drive the seven
switches A-G. On the AD7242, the 9 LSBs switch a
9-bit R-2R ladder structure while on the AD7244, the 11 LSBs
switch an 11-bit R-2R ladder structure. The output voltage
from this converter has the same polarity as the reference
voltage, REF IN.
The REF IN voltage is internally buffered by a unity gain
amplifier before being applied to the D/A converters and the
bipolar bias circuitry. The D/A converter is configured and
scaled for a 3 V reference, and the device is tested with 3 V
applied to REF IN. Operating the AD7242/AD7244 at refer-
ence voltages outside the
±5% tolerance range may result in
degraded performance from the part.
Figure 1. DAC Ladder Structure
Internal Reference
The on-chip reference is a temperature-compensated buried
Zener reference that is factory trimmed for 3 V
± 10 mV. The
reference can be used to provide both the reference voltage for
the two D/A converters and the bipolar biasing circuitry. This is
achieved by connecting REF OUT to REF INA and REF INB.
The reference voltage can also be used for other components
and is capable of providing up to 500
µA to an external load.
The maximum recommended capacitance on the reference
output pin for normal operation is 50 pF. If the reference
output is required to drive a capacitive load greater than 50 pF,
a 200
Ω resistor should be placed in series with the capacitive
load. Decoupling the REF OUT pin with a series 200
Ω resistor
and a parallel combination of a 10
µF tantalum capacitor and a
0.1
µF ceramic capacitor as in Figure 2 reduces the noise
spectral density of the reference (see Figure 4). Using this
decoupling scheme to generate the reference voltage for REF
INA and REF INB gives a channel-to-channel isolation number
of 110 dB (connecting REF OUT directly to REF INA and
REF INB gives 80 dB). The channel-to-channel isolation is 110
dB using an external reference.
External Reference
In some applications, the user may require a system reference or
some other external reference to drive the AD7242/AD7244
reference inputs. Figure 3 shows how the AD586 reference can
be conditioned to provide the 3 V reference required by the
AD7242/AD7244 reference inputs.
Figure 2. Circuit Connection for REF OUT with an External
Capacitive Load of Greater Than 50 pF
Figure 3. AD586 Driving AD7242/AD7244 Reference Inputs


Podobny numer części - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7244AQ AD-AD7244AQ Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JN AD-AD7244JN Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JR AD-AD7244JR Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244SQ3 AD-AD7244SQ3 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Podobny opis - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com