Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7244 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7244
Szczegółowy opis  LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7244 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7244_15 Datasheet HTML 1Page - Analog Devices AD7244_15 Datasheet HTML 2Page - Analog Devices AD7244_15 Datasheet HTML 3Page - Analog Devices AD7244_15 Datasheet HTML 4Page - Analog Devices AD7244_15 Datasheet HTML 5Page - Analog Devices AD7244_15 Datasheet HTML 6Page - Analog Devices AD7244_15 Datasheet HTML 7Page - Analog Devices AD7244_15 Datasheet HTML 8Page - Analog Devices AD7244_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Dual, Complete,
12-Bit/14-Bit Serial DACs
AD7242/AD7244
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD7242/AD7244 is a fast, complete, dual 12-bit/14-bit
voltage output D/A converter. It consists of a 12-bit/14-bit
DAC, 3 V buried Zener reference, DAC output amplifiers and
high speed serial interface logic.
Interfacing to both DACs is serial, minimizing pin count and
allowing a small package size. Standard control signals allow
interfacing to most DSP processors and microcontrollers.
Asynchronous control of DAC updating for both DACs is made
possible with a separate LDAC input for each DAC.
The AD7242/AD7244 operates from
±5 V power supplies,
providing an analog output range of
±3 V. A REF OUT/REF
IN function allows the DACs to be driven from the on-chip 3 V
reference or from an external reference source.
The AD7242/AD7244 is fabricated in Linear Compatible
CMOS (LC
2MOS), an advanced mixed technology process that
combines precision bipolar circuits with low power CMOS
logic. Both parts are available in a 24-pin, 0.3-inch wide, plastic
or hermetic dual-in-line package (DIP) and in a 28-pin, plastic
small outline (SOIC) package. The AD7242 and AD7244 are
available in the same pinout to allow easy upgrade from 12-bit
to 14-bit performance.
FEATURES
Two 12-Bit/14-Bit DACs with Output Amplifiers
AD7242: 12-Bit Resolution
AD7244: 14-Bit Resolution
On-Chip Voltage Reference
Fast Settling Time
AD7242: 3
s to
1/2 LSB
AD7244: 4
s to
1/2 LSB
High Speed Serial Interface
Operates from
5 V Supplies
Specified Over –40 C to +85 C in Plastic Packages
Low Power – 130 mW typ
PRODUCT HIGHLIGHTS
1. Complete, Dual 12-Bit/14-Bit DACs
The AD7242/AD7244 provides the complete function for
generating voltages to 12-bit/14-bit resolution. The part
features an on-chip reference, output buffer amplifiers and
two 12-bit/14-bit D/A converters.
2. High Speed Serial Interface
The AD7242/AD7244 provides a high speed, easy-to-use,
serial interface allowing direct interfacing to DSP processors
and microcontrollers. A separate serial port is provided for
each DAC.
3. Small Package Size
The AD7242/AD7244 is available in a 24-pin DIP and a 28-
pin SOIC package offering considerable space saving over
comparable solutions.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Podobny numer części - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7244AQ AD-AD7244AQ Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JN AD-AD7244JN Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JR AD-AD7244JR Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244SQ3 AD-AD7244SQ3 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Podobny opis - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com