Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7244 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7244
Szczegółowy opis  LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7244 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7244_15 Datasheet HTML 4Page - Analog Devices AD7244_15 Datasheet HTML 5Page - Analog Devices AD7244_15 Datasheet HTML 6Page - Analog Devices AD7244_15 Datasheet HTML 7Page - Analog Devices AD7244_15 Datasheet HTML 8Page - Analog Devices AD7244_15 Datasheet HTML 9Page - Analog Devices AD7244_15 Datasheet HTML 10Page - Analog Devices AD7244_15 Datasheet HTML 11Page - Analog Devices AD7244_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7242/AD7244
REV. A
–11–
APPLYING THE AD7242/AD7244
Good printed circuit board layout is as important as the overall
circuit design itself in achieving high speed converter perfor-
mance. The AD7242 works on an LSB size of 1.465 mV, while
the AD7244 works on an LSB size of 366
µV. Therefore, the
designer must be conscious of minimizing noise in both the
converter itself and in the surrounding circuitry. Switching
mode power supplies are not recommended as the switching
spikes can feed through to the on-chip amplifier. Other causes
of concern are ground loops and digital feedthrough from
microprocessors. These are factors that influence any high
performance converter, and a proper PCB layout that minimizes
these effects is essential for best performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has separated
digital and analog lines as much as possible. Take care not to
run any digital track alongside an analog signal track. Establish a
single point analog ground (star ground) separate from the logic
system ground. Place this star ground as close as possible to the
AD7242/AD7244. Connect all analog grounds to this star
ground and also connect the AD7242/AD7244 DGND pins to
this ground. Do not connect any other digital grounds to this
analog ground point.
Low impedance analog and digital power supply common
returns are essential to low noise operation of high performance
converters. Therefore, the foil width for these tracks should be
kept as wide as possible. The use of ground planes minimizes
impedance paths and also guards the analog circuitry from
digital noise.
NOISE
Keep the signal leads on the VOUTA and VOUTB signals and the
signal return leads to AGND as short as possible to minimize
noise coupling. In applications where this is not possible, use a
shielded cable between the DAC outputs and their destination.
Reduce the ground circuit impedance as much as possible since
any potential difference in grounds between the DAC and its
destination device appears as an error voltage in series with the
DAC output.


Podobny numer części - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7244AQ AD-AD7244AQ Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JN AD-AD7244JN Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JR AD-AD7244JR Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244SQ3 AD-AD7244SQ3 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Podobny opis - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com