Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7244 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7244
Szczegółowy opis  LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7244 Arkusz danych(HTML) 3 Page - Analog Devices

  AD7244_15 Datasheet HTML 1Page - Analog Devices AD7244_15 Datasheet HTML 2Page - Analog Devices AD7244_15 Datasheet HTML 3Page - Analog Devices AD7244_15 Datasheet HTML 4Page - Analog Devices AD7244_15 Datasheet HTML 5Page - Analog Devices AD7244_15 Datasheet HTML 6Page - Analog Devices AD7244_15 Datasheet HTML 7Page - Analog Devices AD7244_15 Datasheet HTML 8Page - Analog Devices AD7244_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7244
Parameter
J, A Versions
1
S Version
1
Units
Test Conditions/Comments
DC ACCURACY
Resolution
14
14
Bits
Integral Nonlinearity
±2
±2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed Monotonic
Bipolar Zero Error
±10
±10
LSB max
Positive Full-Scale Error
2
±10
±10
LSB max
Negative Full-Scale Error
2
±10
±10
LSB max
REFERENCE OUTPUT
3
REF OUT @ +25
°C
2.99/3.01
2.99/3.01
V min/V max
TMIN to TMAX
2.98/3.02
2.98/3.02
V min/V max
REF OUT Tempco
35
35
ppm/
°C typ
Reference Load Change
(
∆REF OUT vs. ∆I)
–1
–1
mV max
Reference Load Current Change (0
µA–500 µA)
REFERENCE INPUTS
REF INA, REF INB Input Range
2.85/3.15
2.85/3.15
V min/V max
3 V
± 5%
Input Current
1
1
µA max
LOGIC INPUTS
(LDACA, LDACB, TFSA, TFSB,
TCLKA, TCLKB, DTA, DTB)
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
pF max
ANALOG OUTPUTS
(VOUTA, VOUTB)
Output Voltage Range
±3
±3
V nom
DC Output Impedance
0.1
0.1
Ω typ
Short Circuit Current
20
20
mA typ
AC CHARACTERISTICS
4
Voltage Output Settling Time
Settling Time to Within
±1/2 LSB of Final Value
Positive Full-Scale Change
4
4
µs max
Typically 2.5
µs
Negative Full-Scale Change
4
4
µs max
Typically 2.5
µs
Digital-to-Analog Glitch Impulse
10
10
nV secs typ
DAC Code Change All 1s to All 0s
Digital Feedthrough
2
2
nV secs typ
Channel-to-Channel Isolation
110
110
dB typ
VOUT = 10 kHz Sine Wave
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
VSS
–5
–5
V nom
±5% for Specified Performance
IDD
27
28
mA max
Cumulative Current from the Two VDD Pins
ISS
15
15
mA max
Cumulative Current from the Two VSS Pins
Total Power Dissipation
195
205
mW max
Typically 130 mW
NOTES
1Temperature ranges are as follows: J Version: 0
°C to +70°C; A Version: –40°C to +85°C; S Version: –55°C to +125°C.
2Measured with respect to REF IN and includes bipolar offset error.
3For capacitive loads greater than 50 pF, a series resistor is required (see Internal Reference section).
4Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.
AD7242/AD7244
REV. A
–3–
AD7244 ORDERING GUIDE
Temperature
Integral
Package
Model1
Range
Nonlinearity
Option2
AD7244JN
–40
°C to +85°C
±2 LSB max
N-24
AD7244JR
–40
°C to +85°C
±2 LSB max
R-28
AD7244AQ
–40
°C to +85°C
±2 LSB max
Q-24
AD7244SQ3
–55
°C to +125°C
±2 LSB max
Q-24
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to part number.
Contact local sales office for military data sheet and availability.
2N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
3This grade will be available to /883B processing only.


Podobny numer części - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7244AQ AD-AD7244AQ Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JN AD-AD7244JN Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JR AD-AD7244JR Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244SQ3 AD-AD7244SQ3 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results

Podobny opis - AD7244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com