Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7245A Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7245A
Szczegółowy opis  LC MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7245A Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7245A_15 Datasheet HTML 2Page - Analog Devices AD7245A_15 Datasheet HTML 3Page - Analog Devices AD7245A_15 Datasheet HTML 4Page - Analog Devices AD7245A_15 Datasheet HTML 5Page - Analog Devices AD7245A_15 Datasheet HTML 6Page - Analog Devices AD7245A_15 Datasheet HTML 7Page - Analog Devices AD7245A_15 Datasheet HTML 8Page - Analog Devices AD7245A_15 Datasheet HTML 9Page - Analog Devices AD7245A_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7245A/AD7248A
REV. B
–6–
AD7248A PIN FUNCTION DESCRIPTIONS
(ANY PACKAGE)
Pin
Mnemonic
Description
l
VSS
Negative Supply Voltage (0 V for single
supply operation).
2
ROFS
Bipolar Offset Resistor. This provides
access to the on-chip application resistors
and allows different output voltage ranges.
3
REF OUT
Reference Output. The on-chip reference
is provided at this pin and is used when
configuring the part for bipolar outputs.
4
AGND
Analog Ground.
5
DB7
Data Bit 7.
6
DB6
Data Bit 6.
7
DB5
Data Bit 5.
8
DB4
Data Bit 4.
9
DB3
Data Bit 3.
10
DGND
Digital Ground.
11
DB2
Data Bit 2/Data Bit 10.
12
DB1
Data Bit 1/Data Bit 9.
13
DB0
Data Bit 0 (LSB)/Data Bit 8.
Pin
Mnemonic
Description
14
CSMSB
Chip Select Input for MS Nibble. (Active
LOW). This selects the upper 4 bits of the
input latch. Input data is right justified.
15
CSLSB
Chip Select Input for LS byte. (Active
LOW). This selects the lower 8 bits of the
input latch.
16
WR
Write Input. This is used in conjunction
with
CSMSB and CSLSB to load data
into the input latch of the AD7248A.
17
LDAC
Load DAC Input (Active LOW). This is
an asynchronous input which when active
transfers data from the input latch to the
DAC latch.
18
VDD
Positive Supply Voltage.
19
RFB
Feedback Resistor. This allows access to
the amplifier’s feedback loop.
20
VOUT
Output Voltage. Three different output
voltage ranges can be chosen: 0 V to
5 V,
0 V to 10 V or –5 V to +5 V.
AD7248A PIN CONFIGURATIONS
DIP and SOIC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AD7248A
TOP VIEW
(NOT TO SCALE)
VSS
ROFS
REF OUT
AGND
(MSB) DB7
DB6
DB5
DB4
DB3
DGND
DB2
DB1
DB0 (LSB)
CSLSB
WR
LDAC
VDD
RFB
VOUT
CSMSB
LCCC
TOP VIEW
(NOT TO SCALE)
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
910 11 12 13
AGND
(MSB) DB7
DB6
DB5
DB4
CSMSB
CSLSB
WR
LDAC
VDD
AD7248A
PLCC
AGND
(MSB) DB7
DB6
DB5
DB4
CSMSB
CSLSB
WR
LDAC
VDD
2
1
20
19
9
10
11
12
13
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(NOT TO SCALE)
PIN 1
IDENTIFIER
AD7248A
3


Podobny numer części - AD7245A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245AAN AD-AD7245AAN Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245AAN AD-AD7245AAN Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AAN AD-AD7245AAN Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AAN AD-AD7245AAN Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AAP AD-AD7245AAP Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
More results

Podobny opis - AD7245A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243_15 Datasheet
173Kb / 12P
   LC MOS 12-Bit Serial DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com