Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7245A Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7245A
Szczegółowy opis  LC MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7245A Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7245A_15 Datasheet HTML 4Page - Analog Devices AD7245A_15 Datasheet HTML 5Page - Analog Devices AD7245A_15 Datasheet HTML 6Page - Analog Devices AD7245A_15 Datasheet HTML 7Page - Analog Devices AD7245A_15 Datasheet HTML 8Page - Analog Devices AD7245A_15 Datasheet HTML 9Page - Analog Devices AD7245A_15 Datasheet HTML 10Page - Analog Devices AD7245A_15 Datasheet HTML 11Page - Analog Devices AD7245A_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7245A/AD7248A
REV. B
–8–
CIRCUIT INFORMATION
D/A SECTION
The AD7245A/AD7248A contains a 12-bit voltage mode digi-
tal-to-analog converter. The output voltage from the converter
has the same positive polarity as the reference voltage allowing
single supply operation. The reference voltage for the DAC is
provided by an on-chip buried Zener diode.
The DAC consists of a highly stable, thin-film, R–2R ladder and
twelve high-speed NMOS single-pole, double-throw switches.
The simplified circuit diagram for this DAC is shown in Figure 1.
R
R
RR
R
2R
2R
2R
2R
2R
2R
DB0
DB1
DB9
DB10
DB11
VOUT
RFB
2R
2R
ROFS
AGND
VREF
SHOWN FOR ALL 1s ON DAC
Figure 1. D/A Simplified Circuit Diagram
The input impedance of the DAC is code dependent and can
vary from 8 k
Ω to infinity. The input capacitance also varies
with code, typically from 50 pF to 200 pF.
OP AMP SECTION
The output of the voltage mode D/A converter is buffered by a
noninverting CMOS amplifier. The user has access to two gain
setting resistors which can be connected to allow different out-
put voltage ranges (discussed later). The buffer amplifier is
capable of developing up to 10 V across a 2 k
Ω load to GND.
The output amplifier can be operated from a single positive
power supply by tying VSS = AGND = 0 V. The amplifier can
also be operated from dual supplies to allow a bipolar output
range of –5 V to +5 V. The advantages of having dual supplies
for the unipolar output ranges are faster settling time to voltages
near 0 V, full sink capability of 2.5 mA maintained over the entire
output range and elimination of the effects of negative offset on
the transfer characteristic (outlined previously). Figure 2 shows
the sink capability of the amplifier for single supply operation.
OUTPUT VOLTAGE – Volts
5
2
0
06
1
23
4
5
78
9
10
1
3
4
TA = T MIN TO T MAX
Figure 2. Typical Single Supply Sink Current vs.
Output Voltage
The small signal (200 mV p-p) bandwidth of the output buffer
amplifier is typically 1 MHz. The output noise from the ampli-
fier is low with a figure of 25 nV/
√Hz at a frequency of 1 kHz.
The broadband noise from the amplifier has a typical peak-to-
peak figure of 150
µV for a 1 MHz output bandwidth. There is
no significant difference in the output noise between single and
dual supply operation.
VOLTAGE REFERENCE
The AD7245A/AD7248A contains an internal low noise buried
Zener diode reference which is trimmed for absolute accuracy
and temperature coefficient. The reference is internally connected
to the DAC. Since the DAC has a variable input impedance at
its reference input the Zener diode reference is buffered. This
buffered reference is available to the user to drive the circuitry
required for bipolar output ranges. It can be used as a reference
for other parts in the system provided it is externally buffered.
The reference will give long-term stability comparable with the
best discrete Zener reference diodes. The performance of the
AD7245A/AD7248A is specified with internal reference, and all
the testing and trimming is done with this reference. The reference
should be decoupled at the REF OUT pin and recommended
decoupling components are 10
µF and 0.1 µF capacitors in
series with a 10
Ω resistor. A simplified schematic of the refer-
ence circuitry is shown in Figure 3.
VDD
TO DAC
AGND
REF OUT
IC IS TEMPERATURE
COMPENSATION CURRENT
V-TO-I
IC
Figure 3. Internal Reference
DIGITAL SECTION
The AD7245A/AD7248A digital inputs are compatible with
either TTL or 5 V CMOS levels. All data inputs are static pro-
tected MOS gates with typical input currents of less than 1 nA.
The control inputs sink higher currents (150
µA max) as a result
of the fast digital interfacing. Internal input protection of all
logic inputs is achieved by on-chip distributed diodes.
The AD7245A/AD7248A features a very low digital feedthrough
figure of 10 nV-s in a 5 V output range. This is due to the volt-
age mode configuration of the DAC. Most of the impulse is
actually as a result of feedthrough across the package.
INTERFACE LOGIC INFORMATION—AD7245A
Table I shows the truth table for AD7245A operation. The part
contains two 12-bit latches, an input latch and a DAC latch.
CS
and
WR control the loading of the input latch while LDAC
controls the transfer of information from the input latch to the
DAC latch. All control signals are level triggered; and therefore,
either or both latches may be made transparent, the input latch
by keeping
CS and WR “LOW”, the DAC latch by keeping
LDAC “LOW.” Input data is latched on the rising edge of WR.


Podobny numer części - AD7245A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7245AAN AD-AD7245AAN Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245AAN AD-AD7245AAN Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AAN AD-AD7245AAN Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AAN AD-AD7245AAN Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AAP AD-AD7245AAP Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
More results

Podobny opis - AD7245A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243_15 Datasheet
173Kb / 12P
   LC MOS 12-Bit Serial DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com