Zakładka z wyszukiwarką danych komponentów |
|
AD7245A Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD7245A Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 16 page AD7245A/AD7248A REV. B –11– BIPOLAR CONFIGURATION The bipolar configuration for the AD7245A/AD7248A, which gives an output voltage range from –5 V to +5 V, is achieved by connecting the ROFS input to REF OUT and connecting RFB and VOUT. The AD7245A/AD7248A must be operated from dual supplies to achieve this output voltage range. The code table for bipolar operation is shown in Table IV. Table IV. Bipolar Code Table DAC Latch Contents MSB LSB Analog Output, VOUT 1 1 1 1 1 1 1 1 1 1 1 1 +VREF × 2047 2048 1 0 0 0 0 0 0 0 0 0 0 1 +VREF × 1 2048 1 0 0 0 0 0 0 0 0 0 0 0 0 V 0 1 1 1 1 1 1 1 1 1 1 1 –VREF × 1 2048 0 0 0 0 0 0 0 0 0 0 0 1 –VREF × 2047 2048 0 0 0 0 0 0 0 0 0 0 0 0 –VREF × 2048 2048 = –V REF NOTE: 1 LSB = 2 × V REF(2 –11) = V REF 1 2048 AGND BIAS The AD7245A/AD7248A AGND pin can be biased above sys- tem GND (AD7245A/AD7248A DGND) to provide an offset “zero” analog output voltage level. With unity gain on the amplifier (ROFS = VOUT = RFB) the output voltage, VOUT is expressed as: VOUT = VBIAS + D VREF where D is a fractional representation of the digital word in the DAC latch and VBIAS is the voltage applied to the AD7245A/ AD7248A AGND pin. Because the current flowing out of the AGND pin varies with digital code, the AGND pin should be driven from a low imped- ance source. A circuit configuration is outlined for AGND bias in Figure 9 using the AD589, a +1.23 V bandgap reference. If a gain of 2 is used on the buffer amplifier the output voltage, VOUT is expressed as VOUT = 2(VBIAS + D VREF) In this case care must be taken to ensure that the maximum output voltage is not greater than VDD –3 V. The VDD–VOUT overhead must be greater than 3 V to ensure correct operation of the part. Note that VDD and VSS for the AD7245A/AD7248A must be referenced to DGND (system GND). The entire circuit can be operated in single supply with the VSS pin of the AD7245A/AD7248A connected to system GND. REF DAC AD7245A/AD7248A* 15V 0.1 F 10 + 10 F ROFS VDD 2R 2R RFB VOUT VSS DGND AD589 27k AGND VBIAS REF OUT VREF SYSTEM GND *DIGITAL CIRCUITRY OMITTED FOR CLARITY. + – Figure 9. AGND Bias Circuit PROGRAMMABLE CURRENT SINK Figure 10 shows how the AD7245A/AD7248A can be config- ured with a power MOSFET transistor, the VN0300M, to provide a programmable current sink from VDD or VSOURCE. The VN0300M is placed in the feedback of the AD7245A/ AD7248A amplifier. The entire circuit can be operated in single supply by tying the VSS of the AD7245A/AD7248A to AGND. The sink current, ISINK, can be expressed as: ISINK = D ×V REF R1 REF DAC AD7245A/AD7248A* 0.1 F 10 + 10 F ROFS VDD 2R 2R RFB VOUT VSS DGND REF OUT VREF *DIGITAL CIRCUITRY OMITTED FOR CLARITY. AGND VSOURCE ISINK LOAD VN0300M R1 Figure 10. Programmable Current Sink Using the VN0300M, the voltage drop across the load can typi- cally be as large as VSOURCE –6 V) with VOUT of the DAC at 5 V. Therefore, for a current of 50 mA flowing in the R1 (with all 1s in the DAC register) the maximum load is 200 Ω with VSOURCE = 15 V. The VN0300M can actually handle currents up to 500 mA and still function correctly in the circuit, but in practice the circuit must be used with larger values of VSOURCE otherwise it requires a very small load. UNIPOLAR (0 V TO 5 V) CONFIGURATION The 0 V to 5 V output voltage range is achieved by tying ROFS, RFB and VOUT together. For this output range the AD7245A/ AD7248A can be operated single supply (VSS = 0 V) or dual sup- ply. The table for output voltage versus digital code is as in Table III, with 2 × V REF replaced by VREF. Note that for this range 1 LSB = VREF(2 –12) = V REF 1 4096 . |
Podobny numer części - AD7245A_15 |
|
Podobny opis - AD7245A_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |