Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7247A Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7247A
Szczegółowy opis  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7247A Arkusz danych(HTML) 5 Page - Analog Devices

  AD7247A_15 Datasheet HTML 1Page - Analog Devices AD7247A_15 Datasheet HTML 2Page - Analog Devices AD7247A_15 Datasheet HTML 3Page - Analog Devices AD7247A_15 Datasheet HTML 4Page - Analog Devices AD7247A_15 Datasheet HTML 5Page - Analog Devices AD7247A_15 Datasheet HTML 6Page - Analog Devices AD7247A_15 Datasheet HTML 7Page - Analog Devices AD7247A_15 Datasheet HTML 8Page - Analog Devices AD7247A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7237A/AD7247A
REV. 0
–5–
AD7247A PIN FUNCTION DESCRIPTION (DIP PIN NUMBERS)
Pin
Mnemonic
Description
1
REF OUT
Voltage Reference Output. The internal 5 V analog reference is provided at this pin. To operate the part
with internal reference, REF OUT should be connected to REF IN.
2ROFSB
Output Offset Resistor for DAC B. This input configures the output ranges for DAC B. It is connected to
VOUTB for the +5 V range, to GND for the +10 V range and to REF IN for the ± 5 V range.
3VOUTB
Analog Output Voltage from DAC B. This is the buffer amplifier output voltage. Three different output
voltage ranges can be chosen: 0 V to +5 V, 0 V to +10 V and
±5 V. The amplifier is capable of developing
+10 V across a 2 k
Ω resistor to GND.
4
DB11
Data Bit 11 (MSB).
5
DB10
Data Bit 10.
6
GND
Ground. Ground reference for all on-chip circuitry.
7–15
DB9-DB1
Data Bit 9 to Data Bit 1.
16
DB0
Data Bit 0 (LSB).
17
CSB
Chip Select Input for DAC B. Active low logic input. DAC B is selected when this input is active.
18
CSA
Chip Select Input for DAC A. Active low logic input. DAC A is selected when this input is active.
19
WR
Write Input. WR is an active low logic input which is used in conjunction with CSA and CSB to write data
to the DAC latches.
20
VDD
Positive Supply (+12 V to +15 V).
21
VOUTA
Analog Output Voltage from DAC A. This is the buffer amplifier output voltage. Three different output
voltage ranges can be chosen: 0 V to +5 V, 0 V to +10 V and
±5 V. The amplifier is capable of developing
+10 V across a 2 k
Ω resistor to GND.
22
VSS
Negative Supply (0 V or –12 V to –15 V).
23
ROFSA
Output Offset Resistor for DAC A. This input configures the output ranges for DAC A. It is connected to
VOUTA for the +5 V range, to GND for the +10 V range and to REF IN for the
±5 V range.
24
REF IN
Voltage Reference Input. The common reference voltage for both DACs is applied to this pin. It is internally
buffered before being applied to both DACs. The nominal reference voltage for correct operation of the
AD7247A is 5 V.
AD7237A PIN CONFIGURATION
DIP and SOIC
AD7247A PIN CONFIGURATION
DIP and SOIC


Podobny numer części - AD7247A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7247AAN AD-AD7247AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR AD-AD7247AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247ABN AD-AD7247ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
More results

Podobny opis - AD7247A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com