Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7247A Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7247A
Szczegółowy opis  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7247A Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7247A_15 Datasheet HTML 4Page - Analog Devices AD7247A_15 Datasheet HTML 5Page - Analog Devices AD7247A_15 Datasheet HTML 6Page - Analog Devices AD7247A_15 Datasheet HTML 7Page - Analog Devices AD7247A_15 Datasheet HTML 8Page - Analog Devices AD7247A_15 Datasheet HTML 9Page - Analog Devices AD7247A_15 Datasheet HTML 10Page - Analog Devices AD7247A_15 Datasheet HTML 11Page - Analog Devices AD7247A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7237A/AD7247A
REV. 0
–8–
CIRCUIT INFORMATION
D/A Section
The AD7237A/AD7247A contains two 12-bit voltage-mode D/A
converters consisting of highly stable thin film resistors and high
speed NMOS single-pole, double-throw switches. The output
voltage from the converters has the same polarity as the refer-
ence voltage, REF IN, allowing single supply operation. The
simplified circuit diagram for one of the D/A converters is
shown in Figure 2.
The REF IN voltage is internally buffered by a unity gain
amplifier before being applied to the D/A converters. The D/A
converters are configured and scaled for a 5 V reference and the
device is tested with 5 V applied to REF IN.
Figure 2. D/A Simplified Circuit Diagram
Internal Reference
The AD7237A/AD7247A has an on-chip temperature compen-
sated buried Zener reference (see Figure 3) which is factory
trimmed to 5 V
±30 mV (±50 mV for T Version). The reference
voltage is provided at the REF OUT pin. This reference can be
used to provide the reference voltage for the D/A converter (by
connecting the REF OUT pin to the REF IN pin) and the offset
voltage for bipolar outputs (by connecting REF OUT to ROFS).
The reference voltage can also be used as a reference for other
components and is capable of providing up to 500
µA to an ex-
ternal load. The maximum recommended capacitance on REF
OUT for normal operation is 50 pF. If the reference is required
for external use, it should be decoupled to AGND (GND) with
a 200
Ω resistor in series with parallel combination of a 10 µF
tantalum capacitor and a 0.1
µF ceramic capacitor.
Figure 3. Internal Reference
External Reference
In some applications, the user may require a system reference or
some other external reference to drive the AD7237A/ AD7247A
reference input. References such as the AD586 5 V reference
provide the ideal external reference source for the AD7237A/
AD7247A (see Figure 9).
Op Amp Section
The output of the voltage-mode D/A converter is buffered by a
noninverting CMOS amplifier. The ROFS input allows different
output voltage ranges to be selected. The buffer amplifier is ca-
pable of developing +10 V across a 2 k
Ω load to GND. The
output amplifier can be operated from a single +12 V to +15 V
supply by tying VSS = 0 V. The amplifier can also be operated
from dual supplies (
±12 V to ±15 V) to allow a bipolar output
range of –5 V to +5 V. The advantages of having dual supplies
for the unipolar output ranges are faster settling time to voltages
near 0 V, full sink capability of 2.5 mA maintained over the en-
tire output range and the elimination of the effects of negative
offsets on the transfer characteristic (outlined previously). A
plot of the single supply output sink capability of the amplifier is
shown in the Typical Performance Graphs section.
INTERFACE LOGIC INFORMATION—AD7247A
Table I shows the truth table for AD7247A operation. The part
contains a single, parallel 12-bit latch for each DAC. It can be
treated as two independent DACs, each with its own CS input
and a common WR input. CSA and WR control the loading of
data to the DAC A latch while CSB and WR control the loading
of the DAC B latch. If CSA and CSB are both low, with WR
low, the same data will be written to both DAC latches. All con-
trol signals are level triggered and therefore either or both
latches can be made transparent. Input data is latched to the re-
spective latch on the rising edge of WR. Figure 4 shows the in-
put control logic for the AD7247A, while the write cycle timing
diagram for the part is shown in Figure 5.
Figure 4. AD7247A Input Control Logic
Figure 5. AD7247A Write Cycle Timing Diagram


Podobny numer części - AD7247A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7247AAN AD-AD7247AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR AD-AD7247AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247ABN AD-AD7247ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
More results

Podobny opis - AD7247A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com