Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C752BLPTREP Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16C752BLPTREP
Szczegółowy opis  3.3 V DUAL UART WITH 64-BYTE FIFO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752BLPTREP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TL16C752BLPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 9Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 10Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 11Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 12Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 13Page - Texas Instruments TL16C752BLPTREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TL16C752B-EP
SGLS153B – FEBRUARY 2003 – REVISED DECEMBER 2007
www.ti.com
Reset
Table 2 summarizes the state of registers after reset.
Table 2. Register Reset Functions(1)
RESET
REGISTER
RESET STATE
CONTROL
Interrupt enable register
RESET
All bits cleared
Interrupt identification register
RESET
Bits 0 is set. All other bits cleared.
FIFO control register
RESET
All bits cleared
Line control register
RESET
Reset to 00011101 (1D hex).
Modem control register
RESET
All bits cleared
Line status register
RESET
Bits 5 and 6 set. All other bits cleared
Modem status register
RESET
Bits 0–3 cleared. Bits 4–7 input signals.
Enhanced feature register
RESET
All bits cleared
Receiver holding register
RESET
Pointer logic cleared
Transmitter holding register
RESET
Pointer logic cleared
Transmission control register
RESET
All bits cleared
Trigger level register
RESET
All bits cleared
(1)
Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, Xoff2 are not reset by the top-level reset signal RESET,
i.e., they hold their initialization values during reset.
Table 3 summarizes the state of registers after reset.
Table 3. Signal Reset Functions
RESET
SIGNAL
RESET STATE
CONTROL
TX
RESET
High
RTS
RESET
High
DTR
RESET
High
RXRDY
RESET
High
TXRDY
RESET
Low
10
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Links: TL16C752B-EP


Podobny numer części - TL16C752BLPTREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPT TI-TL16C752BPT Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPTG4 TI-TL16C752BPTG4 Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPTR TI-TL16C752BPTR Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

Podobny opis - TL16C752BLPTREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com