Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA1524 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CA1524
Szczegółowy opis  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1524 Arkusz danych(HTML) 4 Page - Intersil Corporation

  CA1524 Datasheet HTML 1Page - Intersil Corporation CA1524 Datasheet HTML 2Page - Intersil Corporation CA1524 Datasheet HTML 3Page - Intersil Corporation CA1524 Datasheet HTML 4Page - Intersil Corporation CA1524 Datasheet HTML 5Page - Intersil Corporation CA1524 Datasheet HTML 6Page - Intersil Corporation CA1524 Datasheet HTML 7Page - Intersil Corporation CA1524 Datasheet HTML 8Page - Intersil Corporation CA1524 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Specifications CA1524, CA2524, CA3524
Output Voltage
TA = 25
oC
0.5
-
3.8
0.5
-
3.8
V
Amplifier Pole
-
250
-
-
250
-
Hz
Pin 9 Shutdown Current
External Sink
-
200
-
-
200
-
µA
COMPARATOR SECTION
Duty Cycle
% Each Output On
0
-
45
0
-
45
%
Input Threshold
Zero Duty Cycle
-
1
-
-
1
-
V
Input Threshold
Max. Duty Cycle
-
3.5
-
-
3.5
-
V
Input Bias Current
-
1
-
-
1
-
µA
CURRENT LIMITING SECTION
Sense Voltage for 25% Output Duty
Cycle
Terminal 9 = 2V with Error
Amplifier Set for Max Out,
TA = 25
oC
190
200
210
180
200
220
mV
Sense Voltage T.C.
-
0.2
-
-
0.2
-
mV/oC
Common Mode Voltage
-1
-
+1
-1
-
+1
V
Rolloff Pole of R51 C3 + Q64
-
300
-
-
300
-
Hz
OUTPUT SECTION (EACH OUTUT)
Collector-Emitter Voltage
40
-
-
40
-
-
V
Collector Leakage Current
VCE = 40V
-
0.1
50
-
0.1
50
µA
Saturation Voltage
V+ = 40V, IC = 50mA
-
0.8
2
-
0.8
2
V
Emitter Output Voltage
V+ = 20V
17
18
-
17
18
-
V
Rise Time
RC = 2KΩ, TA = 25
oC
-
0.2
-
-
0.2
-
µs
Fall Time
RC = 2KΩ, TA = 25
oC
-
0.1
-
-
0.1
-
µs
Total Standby Current: (Note 2) IS
V+ = 40V
-
4
10
-
4
10
mA
NOTES:
1. Ramp voltage at Pin 7
where
t = OSC period in microseconds
t
≅ R
TCT with CT in microfarads and RT in ohms.
Output frequency at each output transistor is half OSC frequency when each output is used separately and is equal to the OSC frequency
when each output is connected in parallel.
2. Excluding oscillator charging current, error and current limit dividers, and with outputs open.
Electrical Specifications
TA = -55
0C to +125oC for CA1524, 0oC to +70oC for the CA2524 and CA3524; V+ = 20V and
f = 20kHz, Unless Otherwise Stated. (Continued)
PARAMETER
TEST CONDITIONS
CA1524, CA2524
CA3524
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
High
Low
t


Podobny numer części - CA1524

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
   Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
   Forward throw beam optimized for European tunnels
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523 INTERSIL-CA1523 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
More results

Podobny opis - CA1524

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com