Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA0124E Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części CA0124E
Szczegółowy opis  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0124E Arkusz danych(HTML) 5 Page - Intersil Corporation

  CA0124E Datasheet HTML 1Page - Intersil Corporation CA0124E Datasheet HTML 2Page - Intersil Corporation CA0124E Datasheet HTML 3Page - Intersil Corporation CA0124E Datasheet HTML 4Page - Intersil Corporation CA0124E Datasheet HTML 5Page - Intersil Corporation CA0124E Datasheet HTML 6Page - Intersil Corporation CA0124E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 6. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 7. OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIGURE 8. INPUT CURRENT vs SUPPLY VOLTAGE
FIGURE 9. VOLTAGE GAIN vs SUPPLY VOLTAGE
Typical Performance Curves
(Continued)
20
15
10
5
0
1K
10K
100K
1M
FREQUENCY (Hz)
TA =25
oC
1k
100k
+15V
2k
+7V
+
-
VI
2
3
4
VO
1
11
TEMPERATURE (oC)
-75
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
V+ = 15V
TA =25
oC
75
50
25
0
10
203040
POSITIVE SUPPLY VOLTAGE (V)
POSITIVE SUPPLY VOLTAGE (V)
0
1020
3040
0
25
50
75
100
125
150
TA =25
oC
RL =20kΩ
RL =2kΩ
CA124, CA224, CA324, LM324, LM2902


Podobny numer części - CA0124E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CA012207DQ CK-COMPONENTS-CA012207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
More results

Podobny opis - CA0124E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com