Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3020 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części CA3020
Szczegółowy opis  8MHz Power Amps For Military, Industrial and Commercial Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3020 Arkusz danych(HTML) 8 Page - Intersil Corporation

  CA3020 Datasheet HTML 1Page - Intersil Corporation CA3020 Datasheet HTML 2Page - Intersil Corporation CA3020 Datasheet HTML 3Page - Intersil Corporation CA3020 Datasheet HTML 4Page - Intersil Corporation CA3020 Datasheet HTML 5Page - Intersil Corporation CA3020 Datasheet HTML 6Page - Intersil Corporation CA3020 Datasheet HTML 7Page - Intersil Corporation CA3020 Datasheet HTML 8Page - Intersil Corporation CA3020 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3-8
PROCEDURES:
Input Resistance Terminal 10 to Ground (RIN10).
1. Apply desired value of VCC1 and VCC2 and set S in
Position 1.
2. Adjust 1kHz input for desired signal level of measurement
3. Adjust R for e2 = e1/2.
4. Record resulting value of R as RIN10.
Input Resistance Terminal 3 to Ground (RIN3).
1. Apply desired value of VCC1 and VCC2 and set S in
Position 2.
2. Adjust 1kHz input for desired signal level of measurement
3. Adjust R for e2 = e1/2.
4. Record resulting value of R as RIN3.
FIGURE 10. MEASUREMENT OF INPUT RESISTANCE
NOTE: Push-pull output transformer; load resistance (RL) should be selected to provide indicated collector-to-collector load impedance
(RCC).
PROCEDURES:
Signal-to-Noise Ratio
1. Close S1 and S3; open S2.
2. Apply desired values of VCC1 and VCC2.
3. Adjust eIN for an amplifier output of 150mW and record re-
sulting value of EOUT in dB as eOUT1 (reference value).
4. Open S1 and record resulting value of eOUT in dB as eOUT2
5.
.
Total Harmonic Distortion
1. Close S1 and S2; open S3.
2. Apply desired values of VCC1 and VCC2.
3. Adjust eIN for desired level amplifier output power.
4. Record Total Harmonic Distortion (THD) in %.
FIGURE 11. MEASUREMENT OF SIGNAL-TO-NOISE RATIO AND TOTAL HARMONIC DISTORTION
3
8
2
10
3
+VCC2
+VCC1
9
SIGNAL
SOURCE
5
µF
e1
510k
3
1
1kHz
CA3020
CA3020A
5
µF
6
4
7
12
5
e2
1
µF
R
1
2
1
2
5k
S
0.01
µF
3
8
4
2
6
7
10
3
+VCC2
5
+VCC1
9
SIGNAL
SOURCE
5
µF
0.01
eIN
510
k
3
1
12
µF
5
µF
3k
1kHz
CA3020
CA3020A
RL
5
µF
5k
600
S1
DISTORTION
ANALYZER
BAND-PASS
FILTER:
50Hz
TO
15kHz
eOUT
RMS
VOLTMETER
S3
S2
T (NOTE)
Signal-to-Noise Ratio S N
() 20log
10
=
e
OUT1
e
OUT2
--------------------
CA3020, CA3020A


Podobny numer części - CA3020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3020 INTERSIL-CA3020 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020A INTERSIL-CA3020A Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
More results

Podobny opis - CA3020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com