Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3078M Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CA3078M
Szczegółowy opis  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078M Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CA3078M Datasheet HTML 2Page - Intersil Corporation CA3078M Datasheet HTML 3Page - Intersil Corporation CA3078M Datasheet HTML 4Page - Intersil Corporation CA3078M Datasheet HTML 5Page - Intersil Corporation CA3078M Datasheet HTML 6Page - Intersil Corporation CA3078M Datasheet HTML 7Page - Intersil Corporation CA3078M Datasheet HTML 8Page - Intersil Corporation CA3078M Datasheet HTML 9Page - Intersil Corporation CA3078M Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FIGURE 8. INPUT BIAS CURRENT vs TOTAL QUIESCENT
CURRENT
FIGURE 9. OPEN LOOP VOLTAGE GAIN vs TOTAL
QUIESCENT CURRENT
FIGURE 10. BIAS SETTING RESISTANCE vs TOTAL
QUIESCENT CURRENT
FIGURE 11. MAXIMUM OUTPUT CURRENT vs TOTAL
QUIESCENT CURRENT
FIGURE 12. OUTPUT VOLTAGE SWING vs TOTAL QUIESCENT
CURRENT
FIGURE 13. OPEN LOOP VOLTAGE GAIN vs FREQUENCY
Typical Performance Curves (Continued)
CA3078A
CA3078
1
10
1000
TOTAL QUIESCENT CURRENT (
µA)
0.1
10000
100
1
10
100
VS = ±6
TA = 25
oC
1
10
100
TOTAL QUIESCENT CURRENT
(µA)
126
108
90
72
54
0
1000
TA = 25
oC
36
18
126
108
90
72
54
0
36
18
10k
2k
RL = 1MΩ
TA = 25
oC
0.01
0.1
+6
-6
+3
-3
+1
-1
RSET CONNECTED BETWEEN
1
10
100
1000
1000
100
10
1
0.1
0.01
0.001
TOTAL QUIESCENT CURRENT (
µA)
TERMINAL 5 AND V+
VS = ±15
1
10
100
TOTAL QUIESCENT CURRENT (
µA)
1000
0.1
1
10
100
VS = ±6 TO VS = ±15
TA = 25
oC
TOTAL QUIESCENT CURRENT (
µA)
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
VS = ±1.3V
TA = 25
oC
RL = 50kΩ
10k
5k
2k
1k
500
C1- BETWEEN TERMINALS 1 AND 8
RL = 10kΩ, TA = 25
oC
φ
100
300
1000
C1 = 0pF
C1 = 30pF
C1 = 10pF
120
100
80
60
40
20
0
-20
0
100
200
300
400
FREQUENCY (Hz)
0.1
1
101
102
103
104
105
106
VS = ±6
IQ = 100µA
CA3078, CA3078A


Podobny numer części - CA3078M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3078M INTERSIL-CA3078M Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078M ROCHESTER-CA3078M Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

Podobny opis - CA3078M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com