Zakładka z wyszukiwarką danych komponentów |
|
SA062E104KAR Arkusz danych(PDF) 6 Page - AVX Corporation |
|
SA062E104KAR Arkusz danych(HTML) 6 Page - AVX Corporation |
6 / 6 page 48 Axial Leads/Packaging TAPE AND REEL D1 D2 F C E A B CLASS I / RS-296 A. 5mm ± 0.5mm (.200" ± 0.020") B*. 52.4mm ± 1.5mm (2.063" ± 0.059") C. 6.35mm ± 0.4mm (0.250" ± 0.016") D1-D2. 1.4mm (0.055" MAX.) E. 1.2mm (0.047" MAX.) F. 1.6mm (0.063" MAX.) G. 356mm (14.00") H. 76mm (3.000") I. 25.4mm (1.000") J. 84mm (3.300") K. 70mm (2.750") Leader Tape: 300mm min. (12") Splicing: Tape Only Missing Parts: 0.25% of component count max.- No consecutive missing parts K J H I G Optional Design REEL QUANTITIES (MAX.) ‡ SA05 7,500 pcs. MA10 5,000 pcs. SA10 7,500 pcs. MA20 5,000 pcs. SA11 5,000 pcs. MA30 3,000 pcs. SA20 5,000 pcs. MA40 3,000 pcs. SA30 5,000 pcs. MA50 950 pcs. SA40 5,000 pcs. MA60 650 pcs. ‡ 1000 pc. reels available for distribution pack only in ±1% and ±2% tolerance. * Standard Tape Spacing Shown. Also available in 26.0mm + 1.5mm, – 0mm, (1.023 in. + .059 in. -0 in. ) for SpinGuards only. EIA Class I, II and III tape spacings are available for molded axials. Tape spacing for Class II is 63.5mm ± 1.5mm (2.50 in ± .059 in), and for Class III 73mm ± 1.5mm (2.87 in ± .059 in) ADDITIONAL PACKAGING AVAILABLE AMMO PACK Tape SA05, SA10 SA11 BOX SIZES (Nominal) Spacing SA20 SA30 SA40 LW H 52.4mm ± 1.5mm 4,000 pcs. 2000 2,000 pcs. 255mm 73mm 93mm (2.062" ± .059") (10.039") (2.874") (3.661") 26.0mm + 1.5mm - 0mm 4,000 pcs. * 2000 2,000 pcs. * 255mm 48mm 113mm (1.023" + .059" - 0") (10.039") (1.889") (4.448") *SpinGuard only BULK PACK (MOLDED AXIALS ONLY) MA10 MA20 MA30 100 pcs. (bag) MA40 MA50 MA60 50 pcs. (bag) |
Podobny numer części - SA062E104KAR |
|
Podobny opis - SA062E104KAR |