Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3098E Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CA3098E
Szczegółowy opis  Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3098E Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CA3098E Datasheet HTML 2Page - Intersil Corporation CA3098E Datasheet HTML 3Page - Intersil Corporation CA3098E Datasheet HTML 4Page - Intersil Corporation CA3098E Datasheet HTML 5Page - Intersil Corporation CA3098E Datasheet HTML 6Page - Intersil Corporation CA3098E Datasheet HTML 7Page - Intersil Corporation CA3098E Datasheet HTML 8Page - Intersil Corporation CA3098E Datasheet HTML 9Page - Intersil Corporation CA3098E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Performance Curves
FIGURE 5. INPUT OFFSET VOLTAGE (“LOW” REFERENCE)
vs PROGRAMMING BIAS CURRENT
FIGURE 6. INPUT OFFSET VOLTAGE (“HIGH” REFERENCE)
vs PROGRAMMING BIAS CURRENT
FIGURE 7. INPUT OFFSET VOLTAGE (“LOW” REFERENCE)
vs AMBIENT TEMPERATURE
FIGURE 8. INPUT OFFFSET VOLTAGE (“HIGH”
REFERENCE) vs AMBIENT TEMPERATURE
FIGURE 9. MINIMUM HYSTERESIS VOLTAGE vs
PROGRAMMING BIAS CURRENT
FIGURE 10. MINIMUM HYSTERESIS VOLTAGE vs AMBIENT
TEMPERATURE
VHR = 6V, VLR = 6V
TA = 25
oC, V+ = +12V,
VIO (LR) = VI - VLR
1
0
PROGRAMMING BIAS CURRENT (
µA)
10
100
1000
-1
-2
-3
-4
-5
VHR = 6V, VLR = 0V
TA = 25
oC, V+ = +12V,
VIO (HR) = VI - VHR
1
0
PROGRAMMING BIAS CURRENT (
µA)
10
100
1000
±1
±2
±3
±4
VIO (LR) = VI - VLR
-75
-1.5
TEMPERATURE (oC)
-50
-25
0
-2.0
-2.5
-3.0
-3.5
25
50
75
100
125
IBIAS = 100µA
-75
0
TEMPERATURE (oC)
-50
-25
0
1
2
3
25
50
75
100
125
VIO (HR) = VI - VHR
VHR = 6V, VLR = 6V
TA = 25
oC, V+ = +12V,
1
0
PROGRAMMING BIAS CURRENT (
µA)
10
100
1000
1
2
3
4
-25
TEMPERATURE (oC)
0
100
125
1
2
3
4
25
50
75
-50
-75
-100
CA3098


Podobny numer części - CA3098E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3098E RENESAS-CA3098E Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
More results

Podobny opis - CA3098E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3098 RENESAS-CA3098 Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
logo
Texas Instruments
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
logo
Renesas Technology Corp
HD74HC221 RENESAS-HD74HC221 Datasheet
103Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com