Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3102 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części CA3102
Szczegółowy opis  Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3102 Arkusz danych(HTML) 2 Page - Intersil Corporation

  CA3102 Datasheet HTML 1Page - Intersil Corporation CA3102 Datasheet HTML 2Page - Intersil Corporation CA3102 Datasheet HTML 3Page - Intersil Corporation CA3102 Datasheet HTML 4Page - Intersil Corporation CA3102 Datasheet HTML 5Page - Intersil Corporation CA3102 Datasheet HTML 6Page - Intersil Corporation CA3102 Datasheet HTML 7Page - Intersil Corporation CA3102 Datasheet HTML 8Page - Intersil Corporation CA3102 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings
Thermal Information
Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . 15V
Collector-to-Base Voltage, VCBO. . . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage, VCIO (Note 1) . . . . . . . . . . . . . . 20V
Emitter-to-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
205
Maximum Power Dissipation (Any One Transistor) . . . . . . . 300mW
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3102 is isolated from the substrate by an integral diode. The substrate (Terminal 9) must be connected
to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor action.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS FOR EACH DIFFERENTIAL AMPLIFIER
Input Offset Voltage (Figures 1, 4)
VIO
-
0.25
5.0
mV
Input Offset Current (Figure 1)
IIO
I3 = I9 = 2mA
-
0.3
3.0
µA
Input Bias Current (Figures 1, 5)
IB
-
13.5
33
µA
Temperature Coefficient
Magnitude of Input Offset Voltage
-
1.1
-
µV/oC
DC CHARACTERISTICS FOR EACH TRANSISTOR
DC Forward Base-to-Emitter Voltage
(Figure 6)
VBE
VCE = 6V, IC = 1mA
674
774
874
mV
Temperature Coefficient of
Base-to-Emitter Voltage
(Figure 6)
VCE = 6V, IC = 1mA
-
-0.9
-
mV/oC
Collector Cutoff Current (Figure 7)
ICBO
VCB = 10V, IE = 0
-
0.0013
100
nA
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC = 10µA, IE = 0
20
60
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)CIO
IC = 10µA, IB = IE = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
7
-
V
DYNAMIC CHARACTERISTICS FOR EACH DIFFERENTIAL AMPLIFIER
1/f Noise Figure (For Single Transistor)
(Figure 12)
NF
f = 100kHz, RS = 500Ω,
IC = 1mA
-
1.5
-
dB
Gain Bandwidth Product (For Single
Transistor) (Figure 11)
fT
VCE = 6V, IC = 5mA
-
1.35
-
GHz
Collector-Base Capacitance (Figure 8)
CCB
IC = 0,
VCB = 5V
Note 3
-
0.28
-
pF
Note 4
-
0.15
-
pF
Collector-Substrate
Capacitance (Figure 8)
CCI
IC = 0, VCI = 5V
-
1.65
-
pF
Common Mode Rejection Ratio
CMRR
I3 = I9 = 2mA
-
100
-
dB
AGC Range, One Stage (Figure 2)
AGC
Bias Voltage = -6V
-
75
-
dB
Voltage Gain, Single-Ended Output
(Figures 2, 9, 10)
A
Bias Voltage = -4.2V,
f = 10MHz
18
22
-
dB
∆V
IO
∆T
----------------
∆V
BE
∆T
---------------
CA3102


Podobny numer części - CA3102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102A ITT-CA3102A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3102A10SL-8P ITT-CA3102A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3102A10SL-8S ITT-CA3102A10SL-8S Datasheet
1Mb / 5P
   Circular Connectors
More results

Podobny opis - CA3102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Intersil Corporation
CA3102 INTERSIL-CA3102_05 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Sanyo Semicon Device
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
logo
Sanyo Semicon Device
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com