Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3100T Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części CA3100T
Szczegółowy opis  38MHz, Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3100T Arkusz danych(HTML) 7 Page - Intersil Corporation

  CA3100T Datasheet HTML 1Page - Intersil Corporation CA3100T Datasheet HTML 2Page - Intersil Corporation CA3100T Datasheet HTML 3Page - Intersil Corporation CA3100T Datasheet HTML 4Page - Intersil Corporation CA3100T Datasheet HTML 5Page - Intersil Corporation CA3100T Datasheet HTML 6Page - Intersil Corporation CA3100T Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3-7
FIGURE 19. MAXIMUM OUTPUT VOLTAGE SWING vs
FREQUENCY
FIGURE 20. COMMON MODE INPUT VOLTAGE RANGE vs
SUPPLY VOLTAGE
FIGURE 21. MAXIMUM OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 22. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 23. INPUT BIAS CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
25
20
15
10
5
0
0.01
0.1
1
10
100
FREQUENCY (MHz)
CIRCUIT FIG. 2
10X AMPL
CIRCUIT FIG. 3
(FOLLOWER)
TA = 25
oC
VS = ±15V
15.0
12.5
10.0
7.5
5.0
2.5
0
±2.5
±5
±7.5
±10
±12.5 ±15
±17.5 ±20
SUPPLY VOLTAGE (V)
+VICR
-VICR
TA = 25
oC
0
15
12.5
10
7.5
5
2.5
0
±2.5
±5
±7.5
±10
±12.5 ±15
±17.5 ±20
SUPPLY VOLTAGE (V)
VOM+
VOM-
TA = 25
oC
0
15
12.5
10
7.5
5
2.5
0
±2.5
±5
±7.5
±10
±12.5 ±15
±17.5 ±20
SUPPLY VOLTAGE (V)
TA = 25
oC
0
15.0
12.5
10.0
7.5
5.0
2.5
0
±2.5
±5
±7.5 ±10
±12.5 ±15
±17.5 ±20
SUPPLY VOLTAGE (V)
TA = 25
oC
0
CA3100


Podobny numer części - CA3100T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CA3100T HARRIS-CA3100T Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
More results

Podobny opis - CA3100T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com