Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3160A Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części CA3160A
Szczegółowy opis  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160A Arkusz danych(HTML) 3 Page - Intersil Corporation

  CA3160A Datasheet HTML 1Page - Intersil Corporation CA3160A Datasheet HTML 2Page - Intersil Corporation CA3160A Datasheet HTML 3Page - Intersil Corporation CA3160A Datasheet HTML 4Page - Intersil Corporation CA3160A Datasheet HTML 5Page - Intersil Corporation CA3160A Datasheet HTML 6Page - Intersil Corporation CA3160A Datasheet HTML 7Page - Intersil Corporation CA3160A Datasheet HTML 8Page - Intersil Corporation CA3160A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Block Diagram
Unity Gain Crossover Frequency
fT
4
4
MHz
Slew Rate
SR
10
10
V/
µs
Transient Response
Rise and Fall Time
tr
CL = 25pF, RL = 2kΩ, (Voltage Follower)
0.09
0.09
µs
Overshoot
OS
10
10
%
Settling Time
tS
CL = 25pF, RL =2kΩ, (Voltage Follower)
To <0.1%, VIN = 4VP-P
1.8
1.8
µs
Electrical Specifications
For Design Guidance, VSUPPLY = ±7.5V, TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3160
CA3160A
UNITS
TYP
TYP
Electrical Specifications
For Design Guidance, V+ = +5V, V- = 0V, TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA3160
CA3160A
UNITS
TYP
TYP
Input Offset Voltage
VIO
62
mV
Input Offset Current
IIO
0.1
0.1
pA
Input Current
Il
22
pA
Common-Mode Rejection Ratio
CMRR
80
90
dB
Large Signal Voltage Gain
AOL
VO = 4VP-P, RL = 5kΩ
100
100
kV/V
100
100
dB
Common-Mode Input Voltage Range
VlCR
0 to 2.8
0 to 2.8
V
Supply Current
I+
VO = 5V, RL =
300
300
µA
VO = 2.5V, RL =
500
500
µA
Power Supply Rejection Ratio
PSRR
∆VIO/∆V+
200
200
µV/V
NOTE:
3. ICC typically increases by 1.5mA/MHz during operation.
6
BIAS CKT.
200
µA
1.35mA
200
µA
7
8mA
(NOTE 4)
OUTPUT
AV 30X
AV
6000X
STROBE
V-
V+
OFFSET
NULL
COMPENSATION
(WHEN DESIRED)
+
-
INPUT
AV 5X
CC
NOTES:
4. Total supply voltage (for indicated voltage
gains) = 15V with input terminals biased so
that Terminal 6 potential is +7.5V above
Terminal 4.
5. Total supply voltage (for indicated voltage
gains) = 15V with output terminal driven to
either supply rail.
0mA
(NOTE 5)
4
8
1
5
2
3
CA3160, CA3160A


Podobny numer części - CA3160A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160E INTERSIL-CA3160E Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Podobny opis - CA3160A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com