Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3140E Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CA3140E
Szczegółowy opis  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140E Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CA3140E Datasheet HTML 2Page - Intersil Corporation CA3140E Datasheet HTML 3Page - Intersil Corporation CA3140E Datasheet HTML 4Page - Intersil Corporation CA3140E Datasheet HTML 5Page - Intersil Corporation CA3140E Datasheet HTML 6Page - Intersil Corporation CA3140E Datasheet HTML 7Page - Intersil Corporation CA3140E Datasheet HTML 8Page - Intersil Corporation CA3140E Datasheet HTML 9Page - Intersil Corporation CA3140E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Output Circuit Considerations
Excellent interfacing with TTL circuitry is easily achieved
with a single 6.2V zener diode connected to Terminal 8 as
shown in Figure 1. This connection assures that the
maximum output signal swing will not go more positive than
the zener voltage minus two base-to-emitter voltage drops
within the CA3140. These voltages are independent of the
operating supply voltage.
Figure 2 shows output current sinking capabilities of the
CA3140 at various supply voltages. Output voltage swing to
the negative supply rail permits this device to operate both
power transistors and thyristors directly without the need for
level shifting circuitry usually associated with the 741 series
of operational amplifiers.
Figure 4 shows some typical configurations. Note that a
series resistor, RL, is used in both cases to limit the drive
available to the driven device. Moreover, it is recommended
that a series diode and shunt diode be used at the thyristor
input to prevent large negative transient surges that can
appear at the gate of thyristors, from damaging the
integrated circuit.
Offset Voltage Nulling
The input offset voltage can be nulled by connecting a 10k
potentiometer between Terminals 1 and 5 and returning its
wiper arm to terminal 4, see Figure 3A. This technique,
however, gives more adjustment range than required and
therefore, a considerable portion of the potentiometer
rotation is not fully utilized. Typical values of series resistors
(R) that may be placed at either end of the potentiometer,
see Figure 3B, to optimize its utilization range are given in
the Electrical Specifications table.
An alternate system is shown in Figure 3C. This circuit uses
only one additional resistor of approximately the value
shown in the table. For potentiometers, in which the
resistance does not drop to 0
Ω at either end of rotation, a
value of resistance 10% lower than the values shown in the
table should be used.
Low Voltage Operation
Operation at total supply voltages as low as 4V is possible
with the CA3140. A current regulator based upon the PMOS
threshold voltage maintains reasonable constant operating
current and hence consistent performance down to these
lower voltages.
The low voltage limitation occurs when the upper extreme of
the input common mode voltage range extends down to the
voltage at Terminal 4. This limit is reached at a total supply
voltage just below 4V. The output voltage range also begins to
extend down to the negative supply rail, but is slightly higher
than that of the input. Figure 8 shows these characteristics and
shows that with 2V dual supplies, the lower extreme of the input
common mode voltage range is below ground potential.
3
2
4
CA3140
8
6
7
V+
5V TO 36V
6.2V
5V
LOGIC
SUPPLY
5V
TYPICAL
TTL GATE
FIGURE 1. ZENER CLAMPING DIODE CONNECTED TO
TERMINALS 8 AND 4 TO LIMIT CA3140 OUTPUT
SWING TO TTL LEVELS
1
0.01
0.1
LOAD (SINKING) CURRENT (mA)
1.0
10
10
100
1000
SUPPLY VOLTAGE (V-) = 0V
TA = 25
oC
SUPPLY VOLTAGE (V+) = +5V
+15V
+30V
FIGURE 2. VOLTAGE ACROSS OUTPUT TRANSISTORS (Q15
AND Q16) vs LOAD CURRENT
FIGURE 3A. BASIC
FIGURE 3B. IMPROVED RESOLUTION
FIGURE 3C. SIMPLER IMPROVED RESOLUTION
FIGURE 3. THREE OFFSET VOLTAGE NULLING METHODS
3
2
4
CA3140
7
6
V+
5
1
V-
10k
3
2
4
CA3140
7
6
V+
5
1
V-
10k
R
R
3
2
4
CA3140
7
6
V+
5
1
V-
10k
R
CA3140, CA3140A


Podobny numer części - CA3140E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3140E INTERSIL-CA3140E Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140E RENESAS-CA3140E Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
List of Unclassifed Man...
CA3140E ETC2-CA3140E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3140EZ INTERSIL-CA3140EZ Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140EZ RENESAS-CA3140EZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Podobny opis - CA3140E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com