Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3160AE Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części CA3160AE
Szczegółowy opis  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160AE Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button CA3160AE Datasheet HTML 3Page - Intersil Corporation CA3160AE Datasheet HTML 4Page - Intersil Corporation CA3160AE Datasheet HTML 5Page - Intersil Corporation CA3160AE Datasheet HTML 6Page - Intersil Corporation CA3160AE Datasheet HTML 7Page - Intersil Corporation CA3160AE Datasheet HTML 8Page - Intersil Corporation CA3160AE Datasheet HTML 9Page - Intersil Corporation CA3160AE Datasheet HTML 10Page - Intersil Corporation CA3160AE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
CA3160
6
7
3
4
2
+7.5V
0.01
µF
NOISE
VOLTAGE
OUTPUT
30.1k
0.01
µF
1k
-7.5V
RS
1M
+
-
BW (3dB) = 200kHz
TOTAL NOISE VOLTAGE
(INPUT REFERRED = 40
µV (TYP)
FIGURE 2. TEST CIRCUIT AMPLIFIER (30dB GAIN) USED FOR
WIDEBAND NOISE MEASUREMENTS
Typical Performance Curves
FIGURE 3A.
FIGURE 3B. SMALL SIGNAL RESPONSE
FIGURE 3C. INPUT-OUTPUT DIFFERENCE SIGNAL SHOWING
SETTLING TIME
FIGURE 3. DUAL SUPPLY VOLTAGE FOLLOWER WITH ASSOCIATED WAVEFORMS
CA3160
6
7
3
4
2
+7.5V
0.01
µF
0.01
µF
-7.5V
10k
+
-
2k
25pF
SIMULATED
LOAD
CAPACITANCE
0.1
µF
BW (-3dB) = 4MHz
SR = 10V/
µs
2k
Top Trace: Output
Bottom Trace: Input
Top Trace: Output Signal
Center Trace: Difference Signal 5mV/Div.
Bottom Trace: Input Signal
CA3160, CA3160A


Podobny numer części - CA3160AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160E INTERSIL-CA3160E Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Podobny opis - CA3160AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com