Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3146E Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części CA3146E
Szczegółowy opis  High-Voltage Transistor Arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3146E Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button CA3146E Datasheet HTML 4Page - Intersil Corporation CA3146E Datasheet HTML 5Page - Intersil Corporation CA3146E Datasheet HTML 6Page - Intersil Corporation CA3146E Datasheet HTML 7Page - Intersil Corporation CA3146E Datasheet HTML 8Page - Intersil Corporation CA3146E Datasheet HTML 9Page - Intersil Corporation CA3146E Datasheet HTML 10Page - Intersil Corporation CA3146E Datasheet HTML 11Page - Intersil Corporation CA3146E Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 23. VBE vs IC FOR ANY TRANSISTOR
FIGURE 24. VCE SAT vs IC FOR ANY TRANSISTOR
FIGURE 25. |VIO|vsIC FOR DIFFERENTIAL AMPLIFIER (Q1 AND Q2)
FIGURE 26. |IIO| vs IC FOR DIFFERENTIAL AMPLIFIER (Q1 AND Q2)
Typical Performance Curves DC Characteristics - CA3183 Series (Continued)
0.1
1.0
10
COLLECTOR CURRENT (mA)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
TA = 25
oC
TA = 70
oC
TA = 0
oC
10
100
COLLECTOR CURRENT (mA)
1.0
0.1
TA = 25
oC
hFE = 10
TA = 0
oC
VCE = 3V
TA = 25
oC
TA = 70
oC
0.1
1.0
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE = 3V
TA = 25
oC
0.1
1.0
0.1
1.0
10
COLLECTOR CURRENT (mA)
CA3146, CA3146A, CA3183, CA3183A


Podobny numer części - CA3146E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3146E INTERSIL-CA3146E Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
More results

Podobny opis - CA3146E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com