Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3194E Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3194E
Szczegółowy opis  Single Chip PAL Luminance/Chroma Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3194E Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3194E Datasheet HTML 1Page - Intersil Corporation CA3194E Datasheet HTML 2Page - Intersil Corporation CA3194E Datasheet HTML 3Page - Intersil Corporation CA3194E Datasheet HTML 4Page - Intersil Corporation CA3194E Datasheet HTML 5Page - Intersil Corporation CA3194E Datasheet HTML 6Page - Intersil Corporation CA3194E Datasheet HTML 7Page - Intersil Corporation CA3194E Datasheet HTML 8Page - Intersil Corporation CA3194E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
7-56
Semiconductor
CA3194
Single Chip PAL
Luminance/Chroma Processor
Description
The Harris CA3194E is a silicon monolithic integrated circuit
designed to perform all of the signal processing functions for both
the chroma and luminance signals of PAL color television receivers.
This circuit performs all the functions needed between the video
detector and the video RGB output stages. DC contrast, bright-
ness, and saturation controls and average beam limiting functions
are included. The RGB buffer stages are capable of delivering
5mA of current into the video output stages.
NOTE: Formerly Dev. No. TA10313.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
CA3194E
-40oC to +85oC
24 Lead PDIP
Features
• All PAL Luminance and Chrominance Processing
Circuitry on a Single Chip in a 24-Lead Plastic
Package
• Phase-Locked Subcarrier Regeneration Utilizing
Sample-and-Hold
• DC Controls for Brightness, Contrast, and Color
Saturation Functions
• Input for Average Beam-Current Limiting
• Contrast Control Having Excellent Tracking of
Luma and Chroma Channels
• Low-lmpedance RGB Outputs with Excellent
Tracking for Direct Coupling to Video Driver
Circuitry
May 1997
Pinout
CA3194
(PDIP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
GND
CHROMA OUT
SAT. CONTR.
CHROMA INPUT
ACC FILTER
ACC FILTER
APC FILTER
APC FILTER
90o INPUT
0o INPUT
VCO OUTPUT
VCC
16
17
18
19
20
21
22
23
24
15
14
13
AVER. BEAM
PICTURE CONTROL
LOW PASS
LUMA INPUT
PEAK BEAM
G OUTPUT
VR-Y INPUT
VB-Y INPUT
SANDCASTLE
BRIGHTNESS
R OUTPUT
B OUTPUT
INFO
CONTROL
LEVEL
FILTER
TERMINAL VOLTAGE AND CURRENT RATINGS
TERMINAL
VOLTAGE (NOTE 1) -V
CURRENT - mA
MIN
MAX
IIN
IOUT
1
----
2
0
13
0
30
30
8
10
-
40
5
-
-
5
0
Note
-
-
6
-
-
0.1
0.5
7
0
Note
-
-
8
0
Note
-
-
90
8
-
-
10
0
8
-
0.7
11
0
13
-
10
12
0
13
-
-
13
0
12
-
-
14
0
5
-
1.5
15
0
5
-
1.5
16
0
13
-
10
17
0
13
-
10
18
0
13
-
10
19
0
Note
-
-
20
0
5
-
-
21
0
Note
-
-
22
0
8
-
-
23
0
5
-
-
24
0
12
-
-
NOTE:
1. The maximum should not exceed the VCC voltage. Voltage with respect to
Terminal 1 for VCC (Terminal 12) of 12V ±10%.
File Number
1270.3
NOT
RECOMMENDED
FOR
NEW
DESIGNS


Podobny numer części - CA3194E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3193 INTERSIL-CA3193 Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193AE INTERSIL-CA3193AE Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193E INTERSIL-CA3193E Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
More results

Podobny opis - CA3194E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3217 INTERSIL-CA3217 Datasheet
339Kb / 9P
   Single Chip TV Chroma/Luminance Processor
logo
NTE Electronics
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
   PAL Video Chroma Signal Processor
logo
Toshiba Semiconductor
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
Sanyo Semicon Device
LA7323 SANYO-LA7323 Datasheet
551Kb / 13P
   Single-Chip HQ Luminance Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com