Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3194E Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części CA3194E
Szczegółowy opis  Single Chip PAL Luminance/Chroma Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3194E Arkusz danych(HTML) 3 Page - Intersil Corporation

  CA3194E Datasheet HTML 1Page - Intersil Corporation CA3194E Datasheet HTML 2Page - Intersil Corporation CA3194E Datasheet HTML 3Page - Intersil Corporation CA3194E Datasheet HTML 4Page - Intersil Corporation CA3194E Datasheet HTML 5Page - Intersil Corporation CA3194E Datasheet HTML 6Page - Intersil Corporation CA3194E Datasheet HTML 7Page - Intersil Corporation CA3194E Datasheet HTML 8Page - Intersil Corporation CA3194E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7-58
Specifications CA3194
Saturation Control Range (Terminal 3)
For control characteristic, see Figure 10.
0 - 5
VDC
Maximum Chroma Output Voltage (Terminal 2)
Chroma Input: Burst = 100mVP-P, Chroma = 220mVP-P.
Adjust VC and VS for maximum Pin 2 output.
2.5
VP-P
OSCILLATOR SECTION
Pull-In Range
Chroma Input: Burst = 100mVP-P, Chroma = 220mVP-P.
Adjust CX for HI/LO fOSC without Chroma signal.
Apply signal to lock.
±500
Hz
Static Phase Error
2
Deg./
100Hz
DEMODULATOR SECTION
R-Y Demodulator Conversion Gain
Chroma Input: Burst =100mV, Chroma = 220mVP-P,Vø.
Adjust VC for V18 = 1V. Read V15. Calculate V18/V15.
10
Ratio
B-Y Demodulator Conversion Gain
Chroma Input: Burst = 100mVP-P, Uø. Read V16 and V14.
Calculate V16/V14. VC remains as for R-Y gain.
18
Ratio
G-Y/B-Y Matrix Ratio
Chroma Input: Burst =100mVP-P, Chroma = 220mVP-P, Uø
read V17 and V16, Calculate V17/V16. VC remains as above.
0.2
Ratio
G-Y/R-Y Matrix Ratio
Chroma Input: Burst =100mVP-P, Chroma = 220mVP-P, Vø.
Read V17 and V18. Calculate V17/V18. VC remains as above.
0.5
Ratio
Sub-Carrier and Harmonic Content at Outputs
No Chroma or Luma Input. Read residual carrier at outputs.
30
mVP-P
SANDCASTLE PULSE
Horizontal and Vertical Blanking Pedestal
2 - 5
V
Burst Gate Pulse
6.5 - VCC
V
NOTES:
1. If a different value is desired, see the Threshold Adjustment Circuit of Figure 17.
2. Use of the circuit of Figure 18 is suggested to prevent increased color saturation at low level RF signals.
3. The reference voltage can be adjusted by changing the values of the voltage divider.
Electrical Specifications TA = +25oC, VCC = 12V, VS = 2.85V, VC = 2.85V, VAB = VPB = VCC, VB adjusted for V18 = 6.3V, CX adjusted
for FOSC = 4.43361875MHz, Sandcastle: VBG = 8.0V, VBLANK = 3.5V - Burst Gate centered on Burst.
These conditions exist except as otherwise noted. See Figure 19 for test circuit (Continued)
PARAMETER
TEST CONDITIONS
TYPICAL
VALUE
UNITS
Circuit Description (See Block Diagram and Figure 20)
The chroma signal is externally separated from the video
signal by means of a bandpass or high-pass filter and
applied to pin 4. The burst is separated in the first chroma
stage and applied to the synchronous detector which pro-
vides information to sample-and-hold circuits for APC
(phase-locked loop), ACC (automatic chroma gain control)
and identification and killing. The 4.43MHz crystal oscillator
is phase-locked to the burst and provides 0 degrees and 90
degrees (via an external phase shifter) carriers to the
chroma demodulators. The burst and chroma amplitude at
the output of the first chroma amplifier is kept constant by
the automatic gain control.
The second chroma stage provides saturation control (pin 3)
which tracks the contrast control in the luminance channel.
This stage is also used for color killing.
A buffer stage drives the external PAL delay line. The sepa-
rated U and V signals are applied to pins 14 and 15, respec-
tively, and demodulated. A standard G-Y matrix is included
on the chip.
The luminance signal passes through the subcarrier trap
and through the luminance delay line and enters the chip at
pin 20. Contrast and brightness control is provided before
the luminance signal is combined with the color difference
signals in the Y matrix. Average and peak beam limiting cir-
cuits are controlled from pins 24 and 19.


Podobny numer części - CA3194E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3193 INTERSIL-CA3193 Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193AE INTERSIL-CA3193AE Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193E INTERSIL-CA3193E Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
More results

Podobny opis - CA3194E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3217 INTERSIL-CA3217 Datasheet
339Kb / 9P
   Single Chip TV Chroma/Luminance Processor
logo
NTE Electronics
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
   PAL Video Chroma Signal Processor
logo
Toshiba Semiconductor
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
Sanyo Semicon Device
LA7323 SANYO-LA7323 Datasheet
551Kb / 13P
   Single-Chip HQ Luminance Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com