Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3227E Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3227E
Szczegółowy opis  High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3227E Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3227E Datasheet HTML 1Page - Intersil Corporation CA3227E Datasheet HTML 2Page - Intersil Corporation CA3227E Datasheet HTML 3Page - Intersil Corporation CA3227E Datasheet HTML 4Page - Intersil Corporation CA3227E Datasheet HTML 5Page - Intersil Corporation CA3227E Datasheet HTML 6Page - Intersil Corporation CA3227E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TM
File Number
1345.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
CA3227
High-Frequency NPN Transistor Array For
Low-Power Applications at Frequencies
Up to 1.5GHz
The CA3227 consists of five general purpose silicon NPN
transistors on a common monolithic substrate. Each of the
transistors exhibits a value of fT in excess of 3GHz, making
them useful from DC to 1.5GHz. The monolithic construction
of these devices provides close electrical and thermal
matching of the five transistors.
Features
• Gain-Bandwidth Product (fT) . . . . . . . . . . . . . . . . . >3GHz
• Five Transistors on a Common Substrate
Applications
• VHF Amplifiers
• VHF Mixers
• Multifunction Combinations - RF/Mixer/Oscillator
• IF Converter
• IF Amplifiers
• Sense Amplifiers
• Synthesizers
• Synchronous Detectors
• Cascade Amplifiers
Pinout
CA3227
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
CA3227E
-55 to 125
16 Ld PDIP
E16.3
CA3227M
(3227)
-55 to 125
16 Ld SOIC
M16.15
CA3227M96
(3227)
-55 to 125
16 Ld SOIC Tape
and Reel
M16.15
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
Q4
Q3
Q2
Q5
Q1
Data Sheet
May 2000


Podobny numer części - CA3227E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3227 INTERSIL-CA3227 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
CA3227M INTERSIL-CA3227M Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
CA3227M96 INTERSIL-CA3227M96 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
CA3227 INTERSIL-CA3227_02 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
More results

Podobny opis - CA3227E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3227 INTERSIL-CA3227_02 Datasheet
203Kb / 6P
   High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz
logo
TAITIEN ELECTRONICS CO....
XO-0150-OA-M-LVPECL TAITIEN-XO-0150-OA-M-LVPECL Datasheet
359Kb / 1P
   OA-M Type High Frequency up to 1.5GHz
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
   High Frequency NPN Transistor Array
August 1996
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
CA3102 INTERSIL-CA3102_05 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com