Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3240AE1 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części CA3240AE1
Szczegółowy opis  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240AE1 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button CA3240AE1 Datasheet HTML 5Page - Intersil Corporation CA3240AE1 Datasheet HTML 6Page - Intersil Corporation CA3240AE1 Datasheet HTML 7Page - Intersil Corporation CA3240AE1 Datasheet HTML 8Page - Intersil Corporation CA3240AE1 Datasheet HTML 9Page - Intersil Corporation CA3240AE1 Datasheet HTML 10Page - Intersil Corporation CA3240AE1 Datasheet HTML 11Page - Intersil Corporation CA3240AE1 Datasheet HTML 12Page - Intersil Corporation CA3240AE1 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FIGURE 7. DUAL LEVEL DETECTER
FIGURE 8. CONSTANT-VOLTAGE/CONSTANT-CURRENT POWER SUPPLY
6
5
3
2
8
4
+15V
12M
12M
+15V
8.2K
240K
100K
100K
1
7
7
+15V
CA3140
+
-
6
3
2
4
33K
100K
100K
160K
0.1
µF
(0.5V)
HIGH
LEVEL
LOW
LEVEL
0.1
µF
680
LED
LED ON WHEN
LIQUID OUTSIDE
OF LIMITS
CA3240
+
-
1/2
CA3240
+
-
1/2
3
2
1
10
11
9
8
7
6
4
5
3
1
2
12
14
12
1
2
13
4
10
7
6
9
13
-
+
1/2
CA3240E1
2N6385
DARLINGTON
75
3K
2.7K
VI = 30V
+
- 2000µF
50V
CA3086E
TRANSISTOR
ARRAY
CHASSIS GROUND
2.2K
6.2K
1K
+
-
5
µF
16V
100K
100K
50K
100K
100
V+
V+
10K
+
-
1/2
CA3240E1
1N914
0.056
µF
820
680K
100K
1
1W
180K
82K
+
-
500
µF
IO
VO
VO RANGE = 20mV TO 25V
LOAD REGULATION:
VOLTAGE <0.08%
CURRENT <0.05%
OUTPUT HUM AND NOISE
≤ 150µVRMS
(10MHz BANDWIDTH)
SINE REGULATION
≤ 0.1%/VO
IO RANGE = 10mA - 1.3A
CA3240, CA3240A


Podobny numer części - CA3240AE1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Podobny opis - CA3240AE1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com