Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3256 Arkusz danych(PDF) 11 Page - Harris Corporation

Numer części CA3256
Szczegółowy opis  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256 Arkusz danych(HTML) 11 Page - Harris Corporation

Back Button CA3256 Datasheet HTML 3Page - Harris Corporation CA3256 Datasheet HTML 4Page - Harris Corporation CA3256 Datasheet HTML 5Page - Harris Corporation CA3256 Datasheet HTML 6Page - Harris Corporation CA3256 Datasheet HTML 7Page - Harris Corporation CA3256 Datasheet HTML 8Page - Harris Corporation CA3256 Datasheet HTML 9Page - Harris Corporation CA3256 Datasheet HTML 10Page - Harris Corporation CA3256 Datasheet HTML 11Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
8-11
Any combination of switch input circuits can be configured
with multiple, parallel, line-drive outputs. The video switch
amplifier circuit of Figure 8 illustrates how the CA3256 may
be configured in pairs to provide an 8-to-1 video switch
amplifier using a 3-bit address to select the input. It is also
possible to use the fifth channel input to tie signals to a
common bus line for distribution from the selected amplifier;
however, distributed capacitance loading will result in
reduced bandwidth. The 4 plus 1 combination of input-signal
switching provides for a wide assortment of video switch
circuit configurations.
While the BiMOS process does provide some compromises
for both the switch and the amplifier, the combined system is
capable of the performance needed in most high-quality,
switching applications. As an integrated system, many of the
problems in PC-board layout are simplified, and there is a
reduction in component count. In its simplest form, with
+12V and -5V supplies, the CA3256 may be DC connected
at the input and output; the LED indicators need not be
connected. Under these conditions, the circuit may be as
simple as the one in Figure 8.
Summary
While each video-switch amplifier is designed for a specific
application and, to that end, is tailored as far as performance
to a given set of specifications, the circuit-designer’s goal is
generally the same in every case: to make the best possible
switch for the lowest cost. In this respect, the CA3256 IC
switch and amplifier discussed provide an excellent choice
for a cost-effective high-performance video-switch amplifier,
by taking advantage of the complementary features of both
high-speed CMOS and bipolar integrated circuits.
A
B
C
VIN1
VIN2
VIN3
VIN4
VOUT
CH
1-4
CH 5
+12V
-5V
VIN5
VIN6
VIN7
VIN8
CH
5-8
+12V
-5V
NC
V+
+
A
B
C
V-
EN1
GND
1
2
3
4
5
CA3256
V+
+
A
B
C
V-
EN2
GND
1
2
3
4
5
CA3256
-
-
FIGURE 8. AN 8-TO-1 VIDEO SWITCH AMPLIFIER USING TWO
CA3256 DEVICES
TRUTH TABLE
CH
CAB
1000
2001
3010
4011
5100
6101
7110
8111
CA3256


Podobny numer części - CA3256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

Podobny opis - CA3256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com