Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3256M Arkusz danych(PDF) 4 Page - Harris Corporation

Numer części CA3256M
Szczegółowy opis  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256M Arkusz danych(HTML) 4 Page - Harris Corporation

  CA3256M Datasheet HTML 1Page - Harris Corporation CA3256M Datasheet HTML 2Page - Harris Corporation CA3256M Datasheet HTML 3Page - Harris Corporation CA3256M Datasheet HTML 4Page - Harris Corporation CA3256M Datasheet HTML 5Page - Harris Corporation CA3256M Datasheet HTML 6Page - Harris Corporation CA3256M Datasheet HTML 7Page - Harris Corporation CA3256M Datasheet HTML 8Page - Harris Corporation CA3256M Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
8-4
Electrical Specifications
TA = 25
oC, V+ = 12V, V
LED = 12V, V- = GND, Pin 4 = GND, Feedback Switch Closed, VHIGH = 9V, VLOW = 3V
(See Figure 1), Unless Otherwise Specified
PARAMETERS
INPUTS
CHANNEL SWITCH CONTROL
MIN
TYP MAX UNITS
CH 1
CH 2
CH 3
CH 4
CH 5
A
B
C
ENABLE NOTE 6
TEST
PIN#
PIN 15 PIN 17
PIN 1
PIN 3
PIN 13 PIN 16 PIN 18
PIN 7
PIN 6
Supply Current,
VLED = 0V
0V
0V
0V
0V
0V
3V
3V
3V
3V
14
10
16
22
mA
Dual Supply Current
V+ = +7V, V- = -5V
0V
0V
0V
0V
0V
0V
0V
0V
7V
14/5
10
20
26
mA
Amplifier Output
Voltage, Open Loop
VLED = 0V
0V
0V
0V
0V
0V
3V
3V
3V
3V
9
6
8.5
10
V
Amplifier Output
Voltage, Closed Loop,
VLED = 0V
0V
0V
0V
0V
0V
3V
3V
3V
3V
9
4.8
5.1
5.4
V
IOUT (MAX) (Source)
Open Loop
0V
0V
0V
0V
0V
3V
3V
3V
3V
9
Note 4
-
-70
-25
mA
IOUT (MAX) (Sink)
Open Loop
0V
0V
0V
0V
0V
3V
3V
3V
3V
9
Note 5
10
16
-
mA
Input Leakage
Channel 1-5
3V
3V
3V
3V
3V
3V
3V
3V
3V
1, 3, 15,
17
-15
5
15
nA
Channel Control
Input A, B, C,
Enable Leakage
0V
0V
0V
0V
0V
Measure at 3V, 9V each;
Enable and Channel
Switching Control Inputs
6, 7, 16,
18
-20
10
20
nA
LED Off Voltage, VOFF
0V
0V
0V
0V
0V
Select Channel 0-5
2, 10,
11, 12
11.97 11.99
-
V
LED On Voltage, VON
0V
0V
0V
0V
0V
Select Channel 0-5
2, 10,
11, 12
-
0.1
0.3
V
Switch Resistance,
RDS
±100µA Input Each Switch,
Channel 1-4 + 5
Select Channel
1-4
9V
9V
0.8
1.1
1.4
k
RDS Match
Calculation: (Max RDS - Min RDS)/Min RDS
-
-
3.6
5
%
Amplifier Output
Offset, VO, Feedback
Switch Closed
V+ = +7V, V- = -5V
0V
0V
0V
0V
0V
0V
0V
0V
7V
9
-100
45
100
mV
Closed Loop Gain
3V
0V
0V
0V
0V
3V
3V
3V
9V
9
-0.5
-0.1
0.5
dB
NOTES:
4. VOUT = +7V.
5. VOUT = +3V.
6. DIP Pinout.
CA3256


Podobny numer części - CA3256M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

Podobny opis - CA3256M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com