Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3274E Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3274E
Szczegółowy opis  Current Limiting Power Switch with Current Limiter Sense Flag
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3274E Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3274E Datasheet HTML 1Page - Intersil Corporation CA3274E Datasheet HTML 2Page - Intersil Corporation CA3274E Datasheet HTML 3Page - Intersil Corporation CA3274E Datasheet HTML 4Page - Intersil Corporation CA3274E Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10-40
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
CA3274
Current Limiting Power Switch
with Current Limiter Sense Flag
Description
The CA3274 is a controlled current switch and may be used in
general purpose switching applications that require specified
maximum levels of current. The functional block diagram of
the CA3274 is shown and a typical application circuit is shown
in Figure 1. An internal emitter follower has 200mA of source
drive output capability. The Control Input is a Schmitt trigger
buffer amplifier for noise immunity in the environments typical
of industrial and automotive control systems.
Current sensing in the emitter circuit of a power-darlington
output stage is fed back from a sampling resistor to the sense
input of the CA3274 which has a 335mV typical offset. For the
example shown in Figure 1, a sampling resistor of 0.056
permits 6.0A (0.335/0.056) of current in the emitter of the output
driver. When the current limiter is activated, the flag output
changes state conditionally. If the control input is the “0” state,
the flag output will remain in a “1” state. If the control input is in
the “1” state and the sense input is less than the voltage
reference level of 335mV, the flag output will remain in the “1”
state. If the control input is the “1” state and the sense input is
equal to or greater than the 335mV reference level, the flag
output goes to the “0” state. The output flag switch may be used
to accurately establish dwell timing in automotive applications.
When the control input goes to “0”, the flag is reset to “1”. Noise-
immunity hold-off is used to prevent pre-triggering of the flag
output and is noted as tD in the timing diagram of Figure 2.
The flag output may be used for diagnostic feedback via the
current sense input to detect a fault mode. In this case the
sampled drive current is either from the emitter of the CA3274
internal power transistor or an external output amplifier, such as
a darlington power transistor or power-FET output stage. The
CA3274 has separate power and signal grounds to minimize
transient-loop feedback to the input ground and thus prevent
false triggering of the output. Optionally, the output from the
CA3274 may be taken from the open collector (DRIVE IN) at
pin 6. An external resistor at pin 6 may be used to set the level
at which Q2 will saturate, providing additional limiting protection
for the maximum forward-drive from the CA3274.
Features
• Drive-Current Limiting at Output
• Current-Sense Buffer and Reference
• 200mA Driver Current Capability
• Logic-Level Control Input
• Current Limiting Flag Output
• 50dB Minimum PSRR
•5
µs Typical Switch Time
• Separate Signal and Power Grounds
Applications
• Solenoid Switch Driver
• Relay Driver
• Lamp Control Switch
• Ignition Coil Pre-Driver
• Constant Current Driver
• Current Limiting Switch
• Fault Output Sense Appliance
• Power Supply Fault Mode Control
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
CA3274E
-40oC to +85oC
8 Lead Plastic DIP
File Number
2222.2
April 1994
Pinout
CA3274 (PDIP)
TOP VIEW
1
2
3
4
8
7
6
5
FLAG OUT
SENSE IN
POWER GND
SIGNAL GND
CONTROL IN
DRIVE IN
DRIVE OUT
VCC SUPPLY


Podobny numer części - CA3274E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3272 INTERSIL-CA3272 Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AM INTERSIL-CA3272AM Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3272AQ INTERSIL-CA3272AQ Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
More results

Podobny opis - CA3274E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
A4788 AITSEMI-A4788 Datasheet
1Mb / 15P
   POWER SWITCH 1.1A_2.1A_2.6A CURRENT LIMITED W/FLAG POWER SWITCH
REV1.0 - MAR 2022
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
MAX4832 MAXIM-MAX4832 Datasheet
357Kb / 12P
   100mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
Maxim Integrated Produc...
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
   500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Infineon Technologies A...
TLE6214L INFINEON-TLE6214L_04 Datasheet
766Kb / 22P
   Smart Dual Current Sense Switch
V3.0 18.10.2004
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com