Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3292AQ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CA3292AQ
Szczegółowy opis  Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3292AQ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CA3292AQ Datasheet HTML 2Page - Intersil Corporation CA3292AQ Datasheet HTML 3Page - Intersil Corporation CA3292AQ Datasheet HTML 4Page - Intersil Corporation CA3292AQ Datasheet HTML 5Page - Intersil Corporation CA3292AQ Datasheet HTML 6Page - Intersil Corporation CA3292AQ Datasheet HTML 7Page - Intersil Corporation CA3292AQ Datasheet HTML 8Page - Intersil Corporation CA3292AQ Datasheet HTML 9Page - Intersil Corporation CA3292AQ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
The output will continue to turn on and off for as long as the
shorted condition exists or until shutdown by the input logic.
The resulting frequency and duty cycle of the output current
flow is determined by the ambient temperature, the thermal
resistance of the package in the application and the total
power dissipation in the package. Since each output is inde-
pendently protected, the frequency and duty cycle of the cur-
rent flow into multiple shorted outputs will not be related in
time. Long lead lengths in the load circuit may lead to oscilla-
tory behavior if more than two output loads are shorted.
Since a diagnostic flag indicates when an output is shorted,
this information can be used as input to a microprocessor or
dedicated logic circuit to provide a fast switch-off when a
short occurs and, by sequence action, can be used to deter-
mine which output is shorted. A fault condition in any output
load will cause the FAULT output to switch to a logic “low”.
Since a fault condition may be detected during switching,
use of an appropriate size capacitor to filter the FAULT out-
put is recommended. The recommended FAULT output cir-
cuit is shown in Figure 2. This will prevent the FAULT output
voltage from reaching a logic level “0” within the maximum
switching time.
The FAULT detection circuitry compares the state of the
input and the state of the output for each A, B, C and D
channel. The output is considered to be in a high state if the
voltage exceeds the typical FAULT threshold reference volt-
age, VTHD of 4V. If the output voltage is less than VTHD, the
output is considered to be in a low state. For example, if the
input is high and the output is less than VTHD, a normal
“ON” condition exists and the FAULT output is high. If the
input is high and the output is greater than VTHD, a shorted
load condition is indicated and the FAULT output is low.
When the input is low and the output is greater than VTHD, a
normal “OFF” condition is indicated and the FAULT output is
high. If the input is low and the output is less than VTHD, an
open load condition exists and the FAULT output is low. The
Output Driver Fault Sense state is determined by high and
low comparator threshold limits which are defined in the
Fault Parameters section of the Electrical Specifications.
The FAULT output diagram of Figure 2 shows the circuit
component interface for sensing a diagnostic fault condition.
As noted, the time constant of TX = RXCX should be greater
than the ON-OFF output switching times to avoid false fault
readings during switching. For applications requiring fast
period repetition rates, the maximum time constant should
be significantly less than the period of switching. The short-
est practical time constant is preferred to limit the duration of
a fault condition.
To match a standard CMOS or TTL interface, the switched
current at the FAULT pin must be converted to VIH and VIL
voltage levels using the RX external pullup resistor. The min-
imum specified IOL limit at the FAULT output defines the Low
(Fault) state which is used to test for a VOL maximum limit of
0.4V. This makes the calculation for the VIL input level rela-
tively simple. Where VF is the FAULT output voltage, VCC is
the power supply voltage, RX is the pullup resistor to VCC
from the FAULT pin and IOL is the fault condition sink cur-
rent, IO(SINK), the low state equation is:
VF = VCC - RXIOL ≤ VIL
(EQ. 1)
As an example: Since TTL is the worst case for a low state,
VIL = 0.8V. Using VCC = 5V, maximum VF = VOL = 0.4V and
minimum IOL = 1mA for the CA3272A and CA3292A. At the
worst case limit, the minimum value of RX is:
RX = (VCC - VIL)/IOL = (5 - 0.4)V/0.001mA = 4.6kΩ
The preferred value for RX would be greater than the values
calculated.
For the logic VIH High (normal state),
VF = VCC - RXIOH ≥ VIH
(EQ. 2)
Where the IOH current is the specified leakage current,
IF(LK) at the FAULT pin, it remains to check the calculated
value for RX as a leakage current times the chosen pullup
resistance. To determine that the minimum VOH from the
FAULT pin is greater than VIH to an external logic match, VF
is calculated using Equation 2. For example, using the mini-
mum RX resistor value calculated for the CA3272A,
VF = [5 - (4.6kΩ x 20µA)] = 4.9V
which is more than suitable for CMOS or TTL Input switching
levels; suggesting that a larger value of RX (such as 10kΩ)
could be used for a better noise margin in the Low fault state.
To detect an open load, each output has an internal low-level
current sink, shown in Figure 3, which acts as a pull-down
under open load fault conditions and is always active. The mag-
nitude of this current plus any leakage associated with the out-
put transistor will always be less than 100
µA. (The data sheet
specification for ICEX includes this internal low-level sink cur-
rent). The output load resistance must be chosen such that the
voltage at the output will not be less than VTHD when the ICEX
sink current flows through it under worse case conditions with
minimum supply voltage. For example, assume a 6.5V mini-
mum driver output supply voltage, a FAULT threshold reference
voltage of VTHD = 5.5V and an output current sink of
ICEX = 100µA. Calculate the maximum load resistance that will
not result in a FAULT output low state when the output is OFF.
ILIM
TLIM
ZENER
CLAMP
4V
ZA
QA
0.02
IO(SINK)
2
OUT A
RLOAD
VBATT
FAULT SENSE
THRESHOLD, VTHD
FIGURE 3. OUTPUT OPEN LOAD DETECTION WHERE IO(SINK)
IS AN ACTIVE CURRENT SINK PULLDOWN FOR
OPEN-LOAD FAULT DETECTION. THE CURRENT
ICEX IS IO(SINK) PLUS LEAKAGE CURRENTS OF
THE OUTPUT DRIVER
CA3272A, CA3292A


Podobny numer części - CA3292AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290 INTERSIL-CA3290 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290A INTERSIL-CA3290A Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290A INTERSIL-CA3290A Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290AE INTERSIL-CA3290AE Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
More results

Podobny opis - CA3292AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
   Fault Flag Reporting
logo
Diodes Incorporated
AL8863 DIODES-AL8863 Datasheet
467Kb / 13P
   60V BUCK LED CONTROLLER WITH FAULT FLAG
August 2019
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com